Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD03P Datasheet(PDF) 4 Page - Sanken electric

Part # STD03P
Description  Darlington Transistor with built-in compensation diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STD03P Datasheet(HTML) 4 Page - Sanken electric

  STD03P Datasheet HTML 1Page - Sanken electric STD03P Datasheet HTML 2Page - Sanken electric STD03P Datasheet HTML 3Page - Sanken electric STD03P Datasheet HTML 4Page - Sanken electric STD03P Datasheet HTML 5Page - Sanken electric STD03P Datasheet HTML 6Page - Sanken electric STD03P Datasheet HTML 7Page - Sanken electric STD03P Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Darlington Transistor with built-in compensation diodes
STD03P
March, 2006
Sanken Electric Co.,Ltd.
T01-002EA-060309
Typical Performance Characteristics
(Tc=25°C)
θj-a t
0.01
0.10
1.00
10.00
1
10
100
1000
t [ms]
PC-Ta Curve
0
20
40
60
80
100
120
140
160
0
25
50
75
100
125
150
Ta [C]
3.5
4/8


Similar Part No. - STD03P

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STD03P ALLEGRO-STD03P Datasheet
363Kb / 7P
   Darlington Transistors for Audio Amplifiers
logo
Sanken electric
STD03P SANKEN-STD03P Datasheet
343Kb / 8P
   Darlington Transistors for Audio Amplifiers
More results

Similar Description - STD03P

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SAP09N SANKEN-SAP09N Datasheet
46Kb / 1P
   BUILT-IN TEMPERATURE COMPENSATION DIODES / BUILT-IN EMITTER RESISTOR DARLINGTON
SAP16N SANKEN-SAP16N Datasheet
36Kb / 1P
   Built-in temperature compensation diodes
SAP09P SANKEN-SAP09P Datasheet
45Kb / 1P
   BUILT-IN TEMPERATURE COMPENSATION DIODES
SAP16P SANKEN-SAP16P Datasheet
36Kb / 1P
   Built-in temperature compensation diodes
SAP15P SANKEN-SAP15P Datasheet
135Kb / 6P
   Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
logo
SIFIRST TECHNOLOGIES NA...
SF6010R SIFIRST-SF6010R Datasheet
152Kb / 2P
   Built-in AC Line CC Compensation
logo
Sanken electric
SDC04 SANKEN-SDC04 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
SDH02 SANKEN-SDH02 Datasheet
22Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4041 SANKEN-SLA4041 Datasheet
23Kb / 1P
   NPN Darlington With built-in flywheel diode
STA301A SANKEN-STA301A_06 Datasheet
33Kb / 1P
   NPN Darlington With built-in avalanche diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com