Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C02A-10PI-2.7 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24C02A-10PI-2.7
Description  Write Protect Pin for Hardware Data Protection
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02A-10PI-2.7 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24C02A-10PI-2.7 Datasheet HTML 1Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 2Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 3Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 4Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 5Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 6Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
AT24C02A/04A/08A/16A
0976L–SEEPR–1/04
Notes:
1. The AT24C02A/04A/08A bearing the process letter “D” on the package (the mark is located in the lower right corner on the
topside of the package), guarantees 400 kHz (2.5V, 2.7V).
2. This parameter is characterized and is not 100% tested (TA = 25°C).
3. This parameter is characterized and is not 100% tested.
AC Characteristics
Applicable over recommended operating range from TAI = -40°C to +85°C, TAE = -40°C to +125°C, VCC = +1.8V to +5.5V,
CL = 1 TTL Gate and
100 pF (unless otherwise noted).
Symbol
Parameter
AT24C02A/
04A/08A/16A
1.8V
AT2402A/04A/
08A
2.5V, 2.7V
AT24C16A
2.5V, 2.7V
AT24C02A/
04A/08A/16A
5.0V
Units
Min
Max
Min
Max
Min
Max
Min
Max
fSCL
Clock Frequency, SCL
100
400
(1)
400
400
kHz
tLOW
Clock Pulse Width Low
4.7
4.7
1.3
1.2
µs
tHIGH
Clock Pulse Width High
4.0
4.0
0.6
0.6
µs
tI
Noise Suppression Time
(2)
100
100
100
50
ns
t
AA
Clock Low to Data Out Valid
0.1
4.5
0.1
4.5
0.2
0.9
0.1
0.9
µs
t
BUF
Time the bus must be free before
a new transmission can start
(3)
4.7
4.7
1.3
1.2
µs
tHD.STA
Start Hold Time
4.0
4.0
0.6
0.6
µs
tSU.STA
Start Set-up Time
4.7
4.7
0.6
0.6
µs
tHD.DAT
Data In Hold Time
0
0
0
0
µs
t
SU.DAT
Data In Set-up Time
200
200
100
100
ns
t
R
Inputs Rise Time
(3)
1.0
1.0
0.3
0.3
µs
tF
Inputs Fall Time
(3)
300
300
300
300
ns
tSU.STO
Stop Set-up Time
4.7
4.7
0.6
0.6
µs
tDH
Data Out Hold Time
100
100
100
50
ns
tWR
Write Cycle Time
5
5
5
5
ms
Endurance
(3)
5.0V, 25
°C, Page Mode
1M
1M
1M
1M
Write
Cycles


Similar Part No. - AT24C02A-10PI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02A-10PI-2.7 ATMEL-AT24C02A-10PI-2.7 Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
More results

Similar Description - AT24C02A-10PI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC04B ATMEL-AT24HC04B_14 Datasheet
706Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24C02A ATMEL-AT24C02A_14 Datasheet
563Kb / 16P
   Write Protect Pin for Hardware Data Protection
AT24C16A ATMEL-AT24C16A_14 Datasheet
257Kb / 20P
   Write Protect Pin for Hardware Data Protection
AT24C32A ATMEL-AT24C32A_14 Datasheet
228Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT34C02B ATMEL-AT34C02B_14 Datasheet
478Kb / 21P
   Hardware Write Protection for the Entire Array
AT34C02C ATMEL-AT34C02C_14 Datasheet
412Kb / 18P
   Hardware Write Protection for the Entire Array
logo
Micross Components
AS28C010 MICROSS-AS28C010 Datasheet
307Kb / 15P
   Hardware Data Protection
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
   Hardware and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com