Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSF4R0E561MF08S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APSF4R0E561MF08S
Description  CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSF4R0E561MF08S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APSF4R0E561MF08S Datasheet HTML 1Page - List of Unclassifed Manufacturers APSF4R0E561MF08S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 560µF:561)
Lead forming·Taping code
Terminal code
Voltage code (ex. 2.5V:2R5, 16V:160)
Series code
Category
A P S F 2 R 5 E A A 5 6 1
F 0 8 S
M
Please refer to "Product code guide (conductive polymer type)"
Upgrade!
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15 16
17
18
Radial Lead
(2/2)
PSFSeries
NPCAP
TM -
CAT. No. E1001M
◆STANDARD RATINGS
□□
: Enter the appropriate lead forming or taping code.
WV(Vdc)
Cap(µF)
Case size
φD×L(mm)
Leakage current
(μAmax/after 2min.)
ESR
(mΩ max./20℃,
100k to 300kHz)
Rated ripple current
(mArms/105℃, 100kHz)
Part No.
2
1,000
6.3×8
APSF2R0E□□102MF08S
5,900
500
500
500
500
500
1,200
800
500
500
500
500
864
864
1,050
1,500
1,500
2.5
4
330
6.3×8
APSF2R5E□□331MF08S
5,900
470
6.3×8
APSF2R5E□□471MF08S
5,900
560
6.3×8
APSF2R5E□□561MF08S
5,900
820
6.3×8
APSF2R5E□□821MF08S
APSF2R5E□□122MF08S
5,900
5,900
1,600
8×8
1,200
APSF2R5E□□162MH08S
6,100
470
6.3×8
6.3×8
APSF4R0E□□471MF08S
5,900
560
6.3×8
APSF4R0E□□561MF08S
5,900
16
100
6.3×5
APSF160E□□101MF05S
2,490
APSF160E□□101MFA5S
2,820
100
6.3×10.5
270
8×8
APSF160E□□271MH08S
5,000
APSF160E□□271MHB5S
5,080
270
8×11.5
330
8×8
APSF160E□□331MH08S
4,700
APSF160E□□471MHB5S
5,400
APSF160E□□471MJB5S
6,100
5
5
5
5
5
5
5
5
5
24
25
10
11
13
11
10
470
8×11.5
470
10×11.5


Similar Part No. - APSF4R0E561MF08S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APSF160EC3101 CHEMI-CON-APSF160EC3101 Datasheet
307Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSF160ELL271 CHEMI-CON-APSF160ELL271 Datasheet
307Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Nippon Precision Circui...
APSF160ESS101MF05S NPC-APSF160ESS101MF05S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSF160ESS101MFA5S NPC-APSF160ESS101MFA5S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSF160ESS271MH08S NPC-APSF160ESS271MH08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - APSF4R0E561MF08S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors ?
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
   Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSK2R5ELL221 CHEMI-CON-APSK2R5ELL221 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG160ARA102 CHEMI-CON-APXG160ARA102 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA560 CHEMI-CON-APXG200ARA560 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com