Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSF2R5E162MH08S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # APSF2R5E162MH08S
Description  CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSF2R5E162MH08S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  APSF2R5E162MH08S Datasheet HTML 1Page - List of Unclassifed Manufacturers APSF2R5E162MH08S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Super low ESR, high ripple current capability
ESR 5mΩmax. (2 to 4Vdc)
Longer life (5,000 hours at 105℃)
ESR after endurance is specified within the initial spec (2 to 4Vdc)
Rated voltage range : 2 to 16Vdc
RoHS Compliant
Halogen Free
Lower ESR
PSF
PSE
Upgrade!
Radial Lead
(1/2)
Coated Case
L'
15min.
4min.
Coated Case
L'
15min.
4min.
F05, F08, H08
FA5, HB5, JB5
(FA5)
(HB5, JB5)
◆SPECIFICATIONS
(at 20℃, 120Hz)
(at 105℃)
(at 20℃ after 2 minutes)
(at 20℃, 120Hz)
(at 100kHz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Surge Voltage
Leakage Current
*Note
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
(Max.Impedance Ratio)
Endurance
Bias Humidity Test
Surge Voltage Test
Failure Rate
Items
-55 to +105℃
2 to 16Vdc
±20% (M)
Rated voltage(V)×1.15
0.10 max.
Z(-25℃)/Z(+20℃)≦1.15
Z(-55℃)/Z(+20℃)≦1.25
The following specifications shall be satisfied when the capacitors are restored to 20℃ after the rated voltage is applied for 5,000 hours
at 105℃.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tanδ)
≦The initial specified value
ESR
2 to 4Vdc : ≦The initial specified value
16Vdc
: ≦150% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20℃ after subjecting them to DC voltage at 60℃,
90 to 95% RH for 1,000 hours.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tanδ)
≦The initial specified value
ESR
2 to 4Vdc : ≦The initial specified value
16Vdc
: ≦150% of the initial specified value
Leakage current
≦The initial specified value
The capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage specified at 105℃ for 30 seconds
through a protective resistor(R=1kΩ)and discharge for 5 minutes 30 seconds.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tanδ)
≦The initial specified value
ESR
2 to 4Vdc : ≦The initial specified value
16Vdc
: ≦150% of the initial specified value
Leakage current
≦The initial specified value
0.5% per 1,000 hours maximum (Confidence level 60% at 105℃)
Characteristics
◆DIMENSIONS [mm]
◆MARKING
*Note : If any doubt arises, measure the leakage current after the following voltage treatment.
Voltage treatment : DC rated voltage is applied to the capacitors for 120 minutes at 105℃.
Size code
φD
φd
F
φD'
L'
F05
0.45
F08
6.3
0.6
2.5
FA5
0.5
L+0.3max.
H08
L+1.0max.
HB5
0.6
JB5
10.0
5.0
8.0
3.5
L+1.5max.
L+1.0max.
φD+0.5max.
F 6D6
560
2.5V
EX) 2.5V560µF
Terminal Code : E
PSF Series
NPCAP
TM -
CAT. No. E1001M
Shall not exceed values shown in STANDARD RATINGS.


Similar Part No. - APSF2R5E162MH08S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APSF2R5ELL471 CHEMI-CON-APSF2R5ELL471 Datasheet
307Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Nippon Precision Circui...
APSF2R5ESS162MH08S NPC-APSF2R5ESS162MH08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSF2R5ESS331MF08S NPC-APSF2R5ESS331MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSF2R5ESS471MF08S NPC-APSF2R5ESS471MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSF2R5ESS561MF08S NPC-APSF2R5ESS561MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - APSF2R5E162MH08S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors ?
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
   Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSK2R5ELL221 CHEMI-CON-APSK2R5ELL221 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG160ARA102 CHEMI-CON-APXG160ARA102 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA560 CHEMI-CON-APXG200ARA560 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com