Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3571YHFP-MTR Datasheet(PDF) 1 Page - Rohm

Part # BD3571YHFP-MTR
Description  High Voltage LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3571YHFP-MTR Datasheet(HTML) 1 Page - Rohm

  BD3571YHFP-MTR Datasheet HTML 1Page - Rohm BD3571YHFP-MTR Datasheet HTML 2Page - Rohm BD3571YHFP-MTR Datasheet HTML 3Page - Rohm BD3571YHFP-MTR Datasheet HTML 4Page - Rohm BD3571YHFP-MTR Datasheet HTML 5Page - Rohm BD3571YHFP-MTR Datasheet HTML 6Page - Rohm BD3571YHFP-MTR Datasheet HTML 7Page - Rohm BD3571YHFP-MTR Datasheet HTML 8Page - Rohm BD3571YHFP-MTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Datasheet
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/17
TSZ02201-0T2T0AN00160-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
19.Sep.2013 Rev.002
TSZ22111 • 14 • 001
www.rohm.com
Single-Output LDO Regulators
High Voltage LDO Regulators
BD357xYFP-M
BD357xYHFP-M
Series
General Description
BD357xYFP-M
BD357xYHFP-M
Series regulators feature a high withstand voltage (50 V) and are suitable to use with
onboard vehicle microcontrollers. They offer an output current of 500 mA while limiting the quiescent current to 30 µA (Typ).
With these devices, a ceramic capacitor may be used at the output for stable operation. The output tolerance is within ±2 %
over their operating temperature range (-40 °C to +125 °C). The short circuit protection is folded-type to minimize generation
of heat during malfunction. These devices are developed to offer the most robust power supply design under harsh
automotive environments. The BD357xYFP-M
BD357xYHFP-M
Series provide an ideal solution to lower current
consumption as well as to simplify the use with battery direct-coupled systems.
Features
 Low-Saturation Voltage Type P-Channel DMOS
Output Transistors
 High Output Voltage Precision: ±2 %
(lo = 200 mA)
 Low-ESR Ceramic Capacitors can be used as
Output Capacitors.
 VCC Power Supply Voltage = 50 V
 Built-in Overcurrent Protection Circuit and Thermal
Shutdown Circuit
Key Specifications
 Recommended VCC Power Supply Voltage: 36 V (Max)
 Output Voltage Type:
Fixed / Variable
 Output Current:
500 mA (Max)
 Low Quiescent Current:
30 µA (Typ)
 Operating Temperature Range:
-40 °C to +125 °C
Applications
Onboard Vehicle Devices (Body Control, Car Stereos,
Satellite Navigation Systems, etc.)
Packages
W (Typ) x D (Typ) x H (Max)
Ordering Information
B
D
3
5
7
x
Y
x
F
P
-
M
x
x
Part Number
Package
FP: TO252-3 / 5
HFP: HRP5
Packaging and forming specification
E2: Embossed tape and reel (TO252-3 / 5)
TR: Embossed tape and reel (HRP5)
Lineup
Output Voltage
Switch
Package
Orderable Part Number
3.3 V
Not Included
TO252-3
Reel of 2000
BD3570YFP-ME2
HRP5
BD3570YHFP-MTR
5.0 V
TO252-3
Reel of 2000
BD3571YFP-ME2
HRP5
BD3571YHFP-MTR
Variable
TO252-5
Reel of 2000
BD3572YFP-ME2
HRP5
BD3572YHFP-MTR
3.3 V
Included
TO252-5
Reel of 2000
BD3573YFP-ME2
HRP5
BD3573YHFP-MTR
5.0 V
TO252-5
Reel of 2000
BD3574YFP-ME2
HRP5
BD3574YHFP-MTR
Variable
TO252-5
Reel of 2000
BD3575YFP-ME2
HRP5
BD3575YHFP-MTR
TO252-5
6.50 mm x 9.50 mm x 2.50 mm
TO252-3
6.50 mm x 9.50 mm x 2.50 mm
HRP5
9.395mm x 10.540mm x 2.005mm


Similar Part No. - BD3571YHFP-MTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3571YHFP-MTR ROHM-BD3571YHFP-MTR Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
More results

Similar Description - BD3571YHFP-MTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
BD3570FP-E2 ROHM-BD3570FP-E2 Datasheet
414Kb / 12P
   High Voltage LDO Regulators
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
BD3571YFP-M ROHM-BD3571YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3575HFP-TR ROHM-BD3575HFP-TR Datasheet
327Kb / 12P
   High Voltage LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
logo
SHANGHAI BELLING CO., L...
BL9118 BELLING-BL9118 Datasheet
187Kb / 12P
   800mA Adjustable Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com