Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD4275FP2-C Datasheet(PDF) 4 Page - Rohm

Part # BD4275FP2-C
Description  500 mA Output LDO Regulator with Voltage Detector
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4275FP2-C Datasheet(HTML) 4 Page - Rohm

  BD4275FP2-C Datasheet HTML 1Page - Rohm BD4275FP2-C Datasheet HTML 2Page - Rohm BD4275FP2-C Datasheet HTML 3Page - Rohm BD4275FP2-C Datasheet HTML 4Page - Rohm BD4275FP2-C Datasheet HTML 5Page - Rohm BD4275FP2-C Datasheet HTML 6Page - Rohm BD4275FP2-C Datasheet HTML 7Page - Rohm BD4275FP2-C Datasheet HTML 8Page - Rohm BD4275FP2-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4/20
29.Nov.2013 Rev.003
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
BD4275FP2-C
BD4275FPJ-C
Datasheet
TSZ02201-0T2T0AN00110-1-2
Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
VCC Voltage
(1)
VCC
-0.3 to +45.0
V
RO Voltage
VRO
-0.3 to +18.0
V
VO Voltage
VO
-0.3 to +7.0
V
Power Dissipation
(TO263-5F)
(2)
Pd
1.9
W
(TO252-J5F)
(3)
Pd
1.3
W
Junction Temperature Range
Tj
-40 to +150
°C
Storage Temperature Range
Tstg
-55 to +150
°C
(1)
Not to exceed Pd.
(2)
Reduced by 15.2 mW / °C over Ta = 25 °C, when mounted on glass epoxy board: 114.3 mm × 76.2 mm × 1.6 mm.
(3)
Reduced by 10.4 mW / °C over Ta = 25 °C, when mounted on glass epoxy board: 114.3 mm × 76.2 mm × 1.6 mm.
Recommended Operating Ratings
Parameter
Symbol
Min
Max
Unit
Supply Voltage
(IO ≤ 300mA)
(1)
VCC
5.5
45.0
V
Supply Voltage
(IO ≤ 500mA)
(1)
VCC
5.9
45.0
V
Start -Up Voltage
VCC
3.0
V
Output Current
IO
0
500
mA
Operating Ratings Temperature
Ta
-40
125
°C
(1)
Not to exceed Pd.
Thermal Resistance
Parameter
Symbol
Min
Max
Unit
TO263-5F Package
Junction to Ambient
(1)
θja
15.6
°C / W
Junction to Case (bottom)
(1)
θjc
1
°C / W
TO252-J5F Package
Junction to Ambient
(2)
θja
19.2
°C / W
Junction to Case (bottom)
(2)
θjc
1
°C / W
(1)
TO263-5F mounted on 114.3 mm
× 76.2 mm × 1.6 mmt Glass-Epoxy PCB based on JEDEC.
(4-layer PCB: Copper foil on 2 inner layers and the reverse side of PCB:74.2 mm
× 74.2 mm)
(2)
TO252-J5F mounted on 114.3 mm
× 76.2 mm × 1.6 mmt Glass-Epoxy PCB based on JEDEC.
(4-layer PCB: Copper foil on 2 inner layers and the reverse side of PCB:74.2 mm
× 74.2 mm)


Similar Part No. - BD4275FP2-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD42754FP2-C ROHM-BD42754FP2-C Datasheet
975Kb / 24P
   500 mA Output LDO Regulator with Voltage Detector
BD42754FP2-CE2 ROHM-BD42754FP2-CE2 Datasheet
975Kb / 24P
   500 mA Output LDO Regulator with Voltage Detector
More results

Similar Description - BD4275FP2-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD42754FP2-C ROHM-BD42754FP2-C Datasheet
975Kb / 24P
   500 mA Output LDO Regulator with Voltage Detector
logo
ON Semiconductor
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
logo
Microchip Technology
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com