Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3570YFP-ME2 Datasheet(PDF) 10 Page - Rohm

Part # BD3570YFP-ME2
Description  High Voltage LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3570YFP-ME2 Datasheet(HTML) 10 Page - Rohm

Back Button BD3570YFP-ME2 Datasheet HTML 6Page - Rohm BD3570YFP-ME2 Datasheet HTML 7Page - Rohm BD3570YFP-ME2 Datasheet HTML 8Page - Rohm BD3570YFP-ME2 Datasheet HTML 9Page - Rohm BD3570YFP-ME2 Datasheet HTML 10Page - Rohm BD3570YFP-ME2 Datasheet HTML 11Page - Rohm BD3570YFP-ME2 Datasheet HTML 12Page - Rohm BD3570YFP-ME2 Datasheet HTML 13Page - Rohm BD3570YFP-ME2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Datasheet
Datasheet
10/17
TSZ02201-0T2T0AN00160-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
19.Sep.2013 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BD357xYFP-M
BD357xYHFP-M
Series
Calculation Example
Example: BD3571YFP-M VCC = 12 V and VO = 5 V at Ta = 85 °C
0.624
12
12
5
89
30μA
Where:
ICC is the total supply current.
Make a thermal calculation considering the above situation so that the whole operating temperature range will be within the
power dissipation capacity of the IC.
The power consumption (Pc) of the IC in the event of shorting (i.e., if the VO and GND pins are shorted) will be obtained from
the following equation.
Where:
Ishort is the short current.
Peripheral Settings for Pins and Precautions
1. VCC pin
Insert capacitors with a capacitance from 0.33 µF to 1000 µF between the VCC and GND pins.
The capacitance varies with the application. Be sure to design the capacitance with a sufficient margin.
2. Capacitors for stopping oscillation on output pins
Capacitors for stopping oscillations must be placed between each output pin and the GND pin. Use a capacitor within the
capacitance range of 0.1 µF and 1000 µF. Since oscillations do not occur even for ESR values from 0.001
Ω to 100 Ω, a
ceramic capacitor can be used. Abrupt input voltage and load fluctuations can affect output voltages. Output capacitor
capacitance values should be determined after sufficient testing of the actual application.
θja = 104.2 °C / W
→ -9.6 mW / °C
25 °C = 1.2 W
→ 85 °C = 0.624 W


Similar Part No. - BD3570YFP-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3570YFP-ME2 ROHM-BD3570YFP-ME2 Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
More results

Similar Description - BD3570YFP-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
BD3570FP-E2 ROHM-BD3570FP-E2 Datasheet
414Kb / 12P
   High Voltage LDO Regulators
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
BD3575HFP-TR ROHM-BD3575HFP-TR Datasheet
327Kb / 12P
   High Voltage LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
logo
SHANGHAI BELLING CO., L...
BL9118 BELLING-BL9118 Datasheet
187Kb / 12P
   800mA Adjustable Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com