Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7714 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7714
Description  3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7714 Datasheet(HTML) 3 Page - Analog Devices

  AD7714 Datasheet HTML 1Page - Analog Devices AD7714 Datasheet HTML 2Page - Analog Devices AD7714 Datasheet HTML 3Page - Analog Devices AD7714 Datasheet HTML 4Page - Analog Devices AD7714 Datasheet HTML 5Page - Analog Devices AD7714 Datasheet HTML 6Page - Analog Devices AD7714 Datasheet HTML 7Page - Analog Devices AD7714 Datasheet HTML 8Page - Analog Devices AD7714 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Parameter
A Versions
Units
Conditions/Comments
STATIC PERFORMANCE
No Missing Codes
24
Bits min
Guaranteed by Design. Bipolar Mode. For Filter Notches
≤ 60 Hz
22
Bits min
For Filter Notch = 100 Hz
18
Bits min
For Filter Notch = 250 Hz
15
Bits min
For Filter Notch = 500 Hz
12
Bits min
For Filter Notch = 1 kHz
Output Noise
See Tables I to IV
Depends on Filter Cutoffs and Selected Gain
Integral Nonlinearity
±0.0015
% of FSR max
Filter Notches
≤ 60 Hz
Unipolar Offset Error
See Note 2
Unipolar Offset Drift3
0.4
µV/°C typ
For Gains of 1, 2, 4
0.1
µV/°C typ
For Gains of 8, 16, 32, 64, 128
Bipolar Zero Error
See Note 2
Bipolar Zero Drift3
0.4
µV/°C typ
For Gains of 1, 2, 4
0.1
µV/°C typ
For Gains of 8, 16, 32, 64, 128
Positive Full-Scale Error4
See Note 2
Full-Scale Drift
3, 5
0.4
µV/°C typ
For Gains of 1, 2, 4
0.1
µV/°C typ
For Gains of 8, 16, 32, 64, 128
Gain Error6
See Note 2
Gain Drift3, 7
0.2
ppm of FSR/
°C typ
Bipolar Negative Full-Scale Error
±0.003
% of FSR max
Typically
±0.0004%
Bipolar Negative Full-Scale Drift
3
1
µV/°C typ
For Gains of 1, 2, 4
0.6
µV/°C typ
For Gains of 8, 16, 32, 64, 128
ANALOG INPUTS/REFERENCE INPUTS
Specifications for AIN and REF IN Unless Noted
Input Common-Mode Rejection (CMR)
90
dB min
At DC. Typically 102 dB.
Normal-Mode 50 Hz Rejection8
100
dB min
For Filter Notches of 10 Hz, 25 Hz, 50 Hz,
±0.02 × f
NOTCH
Normal-Mode 60 Hz Rejection
8
100
dB min
For Filter Notches of 10 Hz, 30 Hz, 60 Hz,
±0.02 × f
NOTCH
Common-Mode 50 Hz Rejection8
150
dB min
For Filter Notches of 10 Hz, 25 Hz, 50 Hz,
±0.02 × f
NOTCH
Common-Mode 60 Hz Rejection8
150
dB min
For Filter Notches of 10 Hz, 30 Hz, 60 Hz,
±0.02 × f
NOTCH
Common-Mode Voltage Range9
AGND to AVDD
V min to V max
AIN for BUFFER = 0 and REF IN
Absolute AIN/REF IN Voltage9
AGND – 30 mV
V min
AIN for BUFFER = 0 and REF IN
AVDD + 30 mV
V max
Absolute/Common-Mode AIN Voltage9
AGND + 50 mV
V min
BUFFER = 1
AVDD – 1.5 V
V max
AIN Input Current8
1
nA max
AIN Sampling Capacitance8
7
pF max
AIN Differential Voltage Range
10
0 to +VREF/GAIN
11
nom
Unipolar Input Range (B/U Bit of Filter High Register = 1)
±V
REF/GAIN
nom
Bipolar Input Range (B/U Bit of Filter High Register = 0)
AIN Input Sampling Rate, fS
GAIN
× f
CLK IN/64
For Gains of 1, 2, 4
fCLK IN/8
For Gains of 8, 16, 32, 64, 128
REF IN(+) – REF IN(–) Voltage
+1.25
V nom
±1% for Specified Performance. Part Functions with
Lower VREF
REF IN Input Sampling Rate, fS
fCLK IN/64
LOGIC INPUTS
Input Current
±10
µA max
All Inputs Except MCLK IN
VINL, Input Low Voltage
0.4
V max
VINH, Input High Voltage
2.0
V min
MCLK IN Only
VINL, Input Low Voltage
0.4
V max
VINH, Input High Voltage
2.5
V min
LOGIC OUTPUTS (Including MCLK OUT)
VOL, Output Low Voltage
0.4
V max
ISINK = 100 µA Except for MCLK OUT
12
VOH, Output High Voltage
DVDD – 0.6
V min
ISOURCE = 100 µA Except for MCLK OUT
12
Floating State Leakage Current
±10
µA max
Floating State Output Capacitance13
9
pF typ
Data Output Coding
Binary
Unipolar Mode
Offset Binary
Bipolar Mode
NOTES
7Gain Error Drift does not include Unipolar Offset Drift/Bipolar Zero Drift. It is effectively the drift of the part if zero-scale calibrations only were performed as is the case with
background calibration.
8These numbers are guaranteed by design and/or characterization.
9The common-mode voltage range on the input pairs applies provided the absolute input voltage specification is obeyed.
10The input voltage range on the analog inputs is given here with respect to the voltage on the respective negative input of its differential or pseudo-differential pair. See Table VII
for which inputs form differential pairs.
11V
REF = REF IN(+) – REF IN(–).
12These logic output levels apply to the MCLK OUT output only when it is loaded with a single CMOS load.
13Sample tested at +25
°C to ensure compliance.
14See Burnout Current section.
AD7714-3–SPECIFICATIONS (AV
DD = +3.3 V, DVDD = +3.3 V, REF IN(+) = +1.25 V; REF IN(–) = AGND;
fCLK IN = 2.4576 MHz unless otherwise noted. All specifications TMIN to TMAX unless otherwise noted.)
AD7714
REV. C
–3–


Similar Part No. - AD7714

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7714 AD-AD7714 Datasheet
306Kb / 40P
   3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
REV. C
AD7714 AD-AD7714 Datasheet
298Kb / 40P
   3 V/5 V, CMOS,500 mA Signal Conditioning ADC
REV. C
AD7714 AD-AD7714 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 UASignal Conditioning ADC
REV. C
AD7714 AD-AD7714 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7714 AD-AD7714 Datasheet
298Kb / 40P
   Signal Conditioning ADC
REV. C
More results

Similar Description - AD7714

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7714YRZ AD-AD7714YRZ Datasheet
298Kb / 40P
   3 V/5 V, CMOS,500 mA Signal Conditioning ADC
REV. C
AD7714YNZ AD-AD7714YNZ Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
REV. C
AD7714 AD-AD7714 Datasheet
306Kb / 40P
   3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
REV. C
AD7714ANZ-5 AD-AD7714ANZ-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mu A Signal Conditioning ADC
REV. C
AD7714ARZ-5 AD-AD7714ARZ-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 UASignal Conditioning ADC
REV. C
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com