Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6651742-1 Datasheet(PDF) 36 Page - Tyco Electronics

Part # 6651742-1
Description  MULTI-BEAM XL and MULTI-BEAM XLE Power Distribution Connector Systems
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6651742-1 Datasheet(HTML) 36 Page - Tyco Electronics

Back Button 6651742-1 Datasheet HTML 32Page - Tyco Electronics 6651742-1 Datasheet HTML 33Page - Tyco Electronics 6651742-1 Datasheet HTML 34Page - Tyco Electronics 6651742-1 Datasheet HTML 35Page - Tyco Electronics 6651742-1 Datasheet HTML 36Page - Tyco Electronics 6651742-1 Datasheet HTML 37Page - Tyco Electronics 6651742-1 Datasheet HTML 38Page - Tyco Electronics 6651742-1 Datasheet HTML 39Page - Tyco Electronics 6651742-1 Datasheet HTML 40Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
45
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
Power Connectors & Interconnection Systems
ICCON Single Pole Power Connectors
Product Facts
Uses high-performance
Crown contact
35A current rating
True compliant press-fit and
solder tails
Pin locking feature option
Standard DIP footprint
.300 x .100 and
ICCON SLIMLINE connector
.100 x .100
Insulator rated at 105°C,
UL 94V-0
Meets safety regulatory
requirements
#8 AWG wire size
Parallel and perpendicular
Sequencing capability
All ICCON products in
this section are RoHS
compliant
Typical Applications
Power distribution
Board-to-board
interconnection
Board-to-busbar
interconnection
Board-to-wire
interconnection
High-density power designs
Board stacking
ICCON connectors provide
a reliable high current
power interconnection with
quick connect/disconnect
function for space
constrained motherboard-
daughterboard, cable-
board and board-busbar
power delivery applications.
Product Highlights
High Performance Contact
ICCON connectors use
ELCON CROWN BAND
Contact, a multifingered
spring which provides a
greater surface contact
area, thus ensuring small
millivolt drop, minimum heat
generation and very low
insertion and extraction
forces.
Optional Locking Feature
The optional locking feature
provides minimum 5 lbs.
(2.21kg) retention force
to improve connection
integrity, securing against
accidental unmating in
harsh mechanical
conditions.
Support for Multiple Mounting
Styles
ICCON connectors are
available with press-fit or
solder tails for mounting
on both PC boards and bus
bars. Tyco Electronics uses
eye of the needle true
compliant tails for the most
reliable mounting using
solderless techniques.
Each ICCON connector has
a 10 pin DIP footprint for
convenient industry stan-
dard mounting. Through
hole socket connectors can
be used in “bottom entry”
applications.
Mating with Discrete Contracts
For further versatility,
ICCON connector products
can mate with discrete
contacts, available in a
variety of termination types.
ICCON SLIMLINE Connectors
With a footprint close to
30% smaller than the
standard ICCON connector
products, the ICCON
SLIMLINE connector
products allow integrating
more components in less
board real estate, providing
substantial space savings
compared to connectors of
this type in the same
performance range.
Stacked ICCON
Designed for motherboard-
to-daughtercard power
distribution systems, the
Stacked ICCON combined
power/guide module
occupies significantly less
PCB edge space than
separate modules.
Providing more than 200
Amps/inch, this right-angle
mounted connector is ideal
for applications needing
high current density.


Similar Part No. - 6651742-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
66510-RC MOLEX11-66510-RC Datasheet
34Kb / 2P
   6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
logo
Wurth Elektronik GmbH &...
665102131822 WURTH-665102131822 Datasheet
620Kb / 3P
   WR-WTB 1.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
665103131822 WURTH-665103131822 Datasheet
620Kb / 3P
   WR-WTB 1.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
665104131822 WURTH-665104131822 Datasheet
620Kb / 3P
   WR-WTB 1.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
665105131822 WURTH-665105131822 Datasheet
620Kb / 3P
   WR-WTB 1.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
More results

Similar Description - 6651742-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2820303-2 ETC2-2820303-2 Datasheet
2Mb / 3P
   MULTI-BEAM XLE Power Connectors
logo
TE Connectivity Ltd
C-2334571-1 TEC-C-2334571-1 Datasheet
273Kb / 2P
   RIGHT ANGLE RECEPTACLE, SOLDER MULTI-BEAM PLUS
logo
Ledil, Inc.
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
   Beam with wide light distribution
C13751 LEDIL-C13751 Datasheet
5Mb / 5P
   Beam with wide light distribution
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
   Beam with wide light distribution and good illuminance uniformity
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
   Beam with wide light distribution and good illuminance uniformity
CS15689 LEDIL-CS15689 Datasheet
4Mb / 6P
   Beam with wide light distribution and good illuminance uniformity
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
   Beam with wide light distribution and good illuminance uniformity
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
   Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
logo
List of Unclassifed Man...
RCA-6146B ETC2-RCA-6146B Datasheet
1Mb / 8P
   BEAM POWER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com