Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6651742-1 Datasheet(PDF) 26 Page - Tyco Electronics

Part # 6651742-1
Description  MULTI-BEAM XL and MULTI-BEAM XLE Power Distribution Connector Systems
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6651742-1 Datasheet(HTML) 26 Page - Tyco Electronics

Back Button 6651742-1 Datasheet HTML 22Page - Tyco Electronics 6651742-1 Datasheet HTML 23Page - Tyco Electronics 6651742-1 Datasheet HTML 24Page - Tyco Electronics 6651742-1 Datasheet HTML 25Page - Tyco Electronics 6651742-1 Datasheet HTML 26Page - Tyco Electronics 6651742-1 Datasheet HTML 27Page - Tyco Electronics 6651742-1 Datasheet HTML 28Page - Tyco Electronics 6651742-1 Datasheet HTML 29Page - Tyco Electronics 6651742-1 Datasheet HTML 30Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
35
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
“NEW” MINIPAK HDL Connectors (Continued)
Note: All part numbers are RoHS compliant.
Power Connectors & Interconnection Systems
Contacts
Plating — Gold over nickel, or gold
over palladium-nickel in mating area
Performance Data
Current Rating — 16 Amps
Max. Operating Temperature —
120°C
2.031
[51.60]
.520
[13.20]
.315
[.800]
Max.
Right-Angle Receptacle
Part Number 2-1926733-5
2.035
[51.70]
.315
[.800]
Max.
.764
[19.40] 1.224
[31.10]
Right-Angle Plug
Part Number 2-1926732-5
Part Numbers
Configuration
Right-Angle
Right-Angle
Plug
Receptacle
25S X 8P
1-1926732-8
1-1926733-8
25S X 10P
2-1926732-5
2-1926733-5
25S X 16P
4-1926732-6
4-1926733-6
40S X 24P
7-1926732-7
7-1926733-7
2P X 15S X 2P
1926720-2
1926721-2
6P X 15S X 6P
1-1926720-6
1-1926721-6
8P X 25S X 8P
2-1926720-5
2-1926721-5
.594
[15.10]
.079
[2.00]
.315
[8.00]
.130
[3.30]
.156
[3.96]
Max.
Part Number 2-1926720-5
.630
[16.00]
.079
[2.00]
.315
[8.00]
.130
[3.30]
.156
[3.96]
Max.
Part Number 2-1926721-5


Similar Part No. - 6651742-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
66510-RC MOLEX11-66510-RC Datasheet
34Kb / 2P
   6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
logo
Wurth Elektronik GmbH &...
665102131822 WURTH-665102131822 Datasheet
620Kb / 3P
   WR-WTB 1.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
665103131822 WURTH-665103131822 Datasheet
620Kb / 3P
   WR-WTB 1.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
665104131822 WURTH-665104131822 Datasheet
620Kb / 3P
   WR-WTB 1.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
665105131822 WURTH-665105131822 Datasheet
620Kb / 3P
   WR-WTB 1.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
More results

Similar Description - 6651742-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2820303-2 ETC2-2820303-2 Datasheet
2Mb / 3P
   MULTI-BEAM XLE Power Connectors
logo
TE Connectivity Ltd
C-2334571-1 TEC-C-2334571-1 Datasheet
273Kb / 2P
   RIGHT ANGLE RECEPTACLE, SOLDER MULTI-BEAM PLUS
logo
Ledil, Inc.
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
   Beam with wide light distribution
C13751 LEDIL-C13751 Datasheet
5Mb / 5P
   Beam with wide light distribution
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
   Beam with wide light distribution and good illuminance uniformity
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
   Beam with wide light distribution and good illuminance uniformity
CS15689 LEDIL-CS15689 Datasheet
4Mb / 6P
   Beam with wide light distribution and good illuminance uniformity
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
   Beam with wide light distribution and good illuminance uniformity
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
   Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
logo
List of Unclassifed Man...
RCA-6146B ETC2-RCA-6146B Datasheet
1Mb / 8P
   BEAM POWER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com