Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75175N Datasheet(PDF) 5 Page - Motorola, Inc

Part # SN75175N
Description  QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN75175N Datasheet(HTML) 5 Page - Motorola, Inc

  SN75175N Datasheet HTML 1Page - Motorola, Inc SN75175N Datasheet HTML 2Page - Motorola, Inc SN75175N Datasheet HTML 3Page - Motorola, Inc SN75175N Datasheet HTML 4Page - Motorola, Inc SN75175N Datasheet HTML 5Page - Motorola, Inc SN75175N Datasheet HTML 6Page - Motorola, Inc SN75175N Datasheet HTML 7Page - Motorola, Inc SN75175N Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN75175
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 3. Output Voltage versus
Differential Input Voltage
Figure 4. Output Voltage versus
3–State Control Voltage
Figure 5. High Level Output Voltage
versus Output Current
Figure 6. Low Level Output Voltage
versus Output Current
Figure 7. High Level Output Voltage
versus Temperature
0
3.0
2.5
VID = 0.2 V
Load = 8.0 k
Ω to Gnd
TA = 25°C
VCC = 4.75 V
VCC = 5.0 V
VCC = 5.25 V
2.0
5.0
4.0
3.0
1.0
0
0.5
VI, 3–STATE CONTROL VOLTAGE (V)
1.0
2.0
3.5
4.0
1.5
VCC = 5.0 V
TA = 25°C
IOL, LOW LEVEL OUTPUT CURRENT (mA)
25
40
0.1
15
20
10
0
0.2
0.4
0.5
–35
5.0
0.3
30
0
035
–40
–30
–5.0
2.0
IOH, HIGH LEVEL OUTPUT CURRENT (mA)
5.0
4.0
3.0
1.0
0
–10
–15
–20
–25
VCC = 5.0 V
VID = 0.2 V
TA = 25°C
VCC = 5.25 V
VCC = 4.75 V
VCC = 5.0 V
IOH = 400 µA
10
100
90
TA, FREE AIR TEMPERATURE (°C)
50
60
70
80
0.5
1.5
2.5
3.5
0
1.0
3.0
4.0
5.0
2.0
20
4.5
30
40
0
0
40
30
20
0.1
IA, FREE AIR TEMPERATURE (°C)
0.5
0.4
0
0.3
0.2
80
70
60
50
90
100
10
TYPICAL CHARACTERISTICS
VCC = 5.0 V
TA = 25°C
VID, DIFFERENTIAL INPUT VOLTAGE (mV)
VCM = –12 V
100
140
60
20
0
–20
5.0
4.0
3.0
2.0
1.0
0
–140
–60
–100
VCM = +12 V
Figure 8. Low Level Output Voltage
versus Temperature
VCC = 5.0 V
IOL = 16 mA


Similar Part No. - SN75175N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75175N TI-SN75175N Datasheet
152Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75175N TI-SN75175N Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75175N TI1-SN75175N Datasheet
1,010Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75175NE4 TI-SN75175NE4 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75175NSR TI-SN75175NSR Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75175N

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7174 NTE-NTE7174 Datasheet
39Kb / 3P
   Integrated Circuit Quad EIA−422 Line Receiver With Three−State Outputs
NTE7175 NTE-NTE7175 Datasheet
40Kb / 3P
   Integrated Circuit Quad EIA−422 Line Driver With Three−State Outputs
logo
Motorola, Inc
AM26LS32 MOTOROLA-AM26LS32 Datasheet
81Kb / 4P
   QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B_06 Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Motorola, Inc
MC26LS31 MOTOROLA-MC26LS31 Datasheet
205Kb / 3P
   Quad Line Driver with NAND Enabled Three-State Outputs
AM26LS31 MOTOROLA-AM26LS31 Datasheet
77Kb / 4P
   Quad Line Driver with NAND Enabled Three-State Outputs
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com