Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9E100FJ-LB Datasheet(PDF) 32 Page - Rohm

Part # BD9E100FJ-LB
Description  7.0V to 36V Input, 1.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9E100FJ-LB Datasheet(HTML) 32 Page - Rohm

Back Button BD9E100FJ-LB Datasheet HTML 25Page - Rohm BD9E100FJ-LB Datasheet HTML 26Page - Rohm BD9E100FJ-LB Datasheet HTML 27Page - Rohm BD9E100FJ-LB Datasheet HTML 28Page - Rohm BD9E100FJ-LB Datasheet HTML 29Page - Rohm BD9E100FJ-LB Datasheet HTML 30Page - Rohm BD9E100FJ-LB Datasheet HTML 31Page - Rohm BD9E100FJ-LB Datasheet HTML 32Page - Rohm BD9E100FJ-LB Datasheet HTML 33Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Datasheet
Datasheet
Notice - SS
Rev.002
© 2014 ROHM Co., Ltd. All rights reserved.
Precautions Regarding Application Examples and External Circuits
1.
If change is made to the constant of an external circuit, please allow a sufficient margin considering variations of the
characteristics of the Products and external components, including transient characteristics, as well as static
characteristics.
2.
You agree that application notes, reference designs, and associated data and information contained in this document
are presented only as guidance for Products use. Therefore, in case you use such information, you are solely
responsible for it and you must exercise your own independent verification and judgment in the use of such information
contained in this document. ROHM shall not be in any way responsible or liable for any damages, expenses or losses
incurred by you or third parties arising from the use of such information.
Precaution for Electrostatic
This Product is electrostatic sensitive product, which may be damaged due to electrostatic discharge. Please take proper
caution in your manufacturing process and storage so that voltage exceeding the Products maximum rating will not be
applied to Products. Please take special care under dry condition (e.g. Grounding of human body / equipment / solder iron,
isolation from charged objects, setting of Ionizer, friction prevention and temperature / humidity control).
Precaution for Storage / Transportation
1.
Product performance and soldered connections may deteriorate if the Products are stored in the places where:
[a] the Products are exposed to sea winds or corrosive gases, including Cl2, H2S, NH3, SO2, and NO2
[b] the temperature or humidity exceeds those recommended by ROHM
[c] the Products are exposed to direct sunshine or condensation
[d] the Products are exposed to high Electrostatic
2.
Even under ROHM recommended storage condition, solderability of products out of recommended storage time period
may be degraded. It is strongly recommended to confirm solderability before using Products of which storage time is
exceeding the recommended storage time period.
3.
Store / transport cartons in the correct direction, which is indicated on a carton with a symbol. Otherwise bent leads
may occur due to excessive stress applied when dropping of a carton.
4.
Use Products within the specified time after opening a humidity barrier bag. Baking is required before using Products of
which storage time is exceeding the recommended storage time period.
Precaution for Product Label
QR code printed on ROHM Products label is for ROHM’s internal use only.
Precaution for Disposition
When disposing Products please dispose them properly using an authorized industry waste company.
Precaution for Foreign Exchange and Foreign Trade act
Since our Products might fall under controlled goods prescribed by the applicable foreign exchange and foreign trade act,
please consult with ROHM representative in case of export.
Precaution Regarding Intellectual Property Rights
1.
All information and data including but not limited to application example contained in this document is for reference
only. ROHM does not warrant that foregoing information or data will not infringe any intellectual property rights or any
other rights of any third party regarding such information or data. ROHM shall not be in any way responsible or liable
for infringement of any intellectual property rights or other damages arising from use of such information or data.:
2.
No license, expressly or implied, is granted hereby under any intellectual property rights or other rights of ROHM or any
third parties with respect to the information contained in this document.
Other Precaution
1.
This document may not be reprinted or reproduced, in whole or in part, without prior written consent of ROHM.
2.
The Products may not be disassembled, converted, modified, reproduced or otherwise changed without prior written
consent of ROHM.
3.
In no event shall you use in any way whatsoever the Products and the related technical information contained in the
Products or this document for any military purposes, including but not limited to, the development of mass-destruction
weapons.
4.
The proper names of companies or products described in this document are trademarks or registered trademarks of
ROHM, its affiliated companies or third parties.


Similar Part No. - BD9E100FJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E101FJ-LB ROHM-BD9E101FJ-LB Datasheet
3Mb / 33P
   7.0V to 36V Input, 1.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E101FJ-LBH2 ROHM-BD9E101FJ-LBH2 Datasheet
3Mb / 33P
   7.0V to 36V Input, 1.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E102FJ ROHM-BD9E102FJ Datasheet
1Mb / 32P
   7.0V to 26V Input, 1.0A, Integrated MOSFET
BD9E103FJ ROHM-BD9E103FJ Datasheet
2Mb / 28P
   7V to 28V Input, 1.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E104FJ ROHM-BD9E104FJ Datasheet
2Mb / 33P
   7.0 V to 26.0 V Input, 1 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
11.Dec.2017 Rev.001
More results

Similar Description - BD9E100FJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E101FJ-LB ROHM-BD9E101FJ-LB Datasheet
3Mb / 33P
   7.0V to 36V Input, 1.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E300EFJ-LB ROHM-BD9E300EFJ-LB Datasheet
3Mb / 33P
   7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E301EFJ-LB ROHM-BD9E301EFJ-LB Datasheet
3Mb / 33P
   7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E302EFJ ROHM-BD9E302EFJ Datasheet
2Mb / 44P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B400MUV ROHM-BD9B400MUV Datasheet
1Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD91364AMUU ROHM-BD91364AMUU Datasheet
926Kb / 31P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B500MUV ROHM-BD9B500MUV Datasheet
2Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B100MUV ROHM-BD9B100MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 1.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B200MUV ROHM-BD9B200MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 2.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9F800MUX-Z ROHM-BD9F800MUX-Z Datasheet
4Mb / 50P
   4.5V to 28V Input, 8.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
27.Dec.2018 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com