Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BD10IC0MEFJ-LBH2 Datasheet(PDF) 16 Page - Rohm

Part No. BD10IC0MEFJ-LBH2
Description  1.0A Variable Output Industrial LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BD10IC0MEFJ-LBH2 Datasheet(HTML) 16 Page - Rohm

Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16/21
BDxxIC0MEFJ-LB
Datasheet
TSZ02201-0R6R0AZ00590-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Feb.2014 Rev.002
Evaluation Board Circuit
Evaluation Board Parts List
Board Layout
・Input capacitor CIN of VCC (VIN) should be placed very close to VCC(VIN) pin as possible, and used broad wiring pattern.
Output capacitor COUT also should be placed close to IC pin as possible. In case connected to inner layer GND plane,
please use several through hole.
・FB pin has comparatively high impedance, and is apt to be effected by noise, so floating capacity should be minimum as
possible. Please be careful in wiring drawing
・Please take GND pattern space widely, and design layout to be able to increase radiation efficiency.
・For output voltage setting
Output voltage can be set by FB pin voltage(0.800V typ.)and external resistance R1, R2.
(The use of resistors with R1+R2=1k to 90kΩ is recommended)
Designation
Value
Part No.
Company
Designation Value
Part No.
Company
R1
43kΩ
MCR01PZPZF4302
ROHM
C4
R2
8.2kΩ
MCR01PZPZF8201
ROHM
C5
1µF
CM105X7R105K16AB
KYOCERA
R3
C6
R4
C7
R5
C8
R6
C9
C1
1µF
CM105B105K16A
KYOCERA
C10
C2
U1
BD00IC0MEFJ-LB
ROHM
C3
U2
VO = VFB×
R1+R2
R2
N.C
GND
FB
N.C
N.C.
VO
2
VO
C7
3
4
7
5
U1
8
C1
C2
C3
R1
R2
C6
C5
1
VCC
6
EN
GND
SW1
EN
FIN
VCC
VO
EN
GND
(
VCC VIN )
CIN
R1
R 2
COUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn