Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD10IC0MEFJ-LBH2 Datasheet(PDF) 15 Page - Rohm

Part No. BD10IC0MEFJ-LBH2
Description  1.0A Variable Output Industrial LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

BD10IC0MEFJ-LBH2 Datasheet(HTML) 15 Page - Rohm

Back Button BD10IC0MEFJ-LBH2 Datasheet HTML 11Page - Rohm BD10IC0MEFJ-LBH2 Datasheet HTML 12Page - Rohm BD10IC0MEFJ-LBH2 Datasheet HTML 13Page - Rohm BD10IC0MEFJ-LBH2 Datasheet HTML 14Page - Rohm BD10IC0MEFJ-LBH2 Datasheet HTML 15Page - Rohm BD10IC0MEFJ-LBH2 Datasheet HTML 16Page - Rohm BD10IC0MEFJ-LBH2 Datasheet HTML 17Page - Rohm BD10IC0MEFJ-LBH2 Datasheet HTML 18Page - Rohm BD10IC0MEFJ-LBH2 Datasheet HTML 19Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15/21
BDxxIC0MEFJ-LB
Datasheet
TSZ02201-0R6R0AZ00590-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Feb.2014 Rev.002
Input-to-Output Capacitor
It is recommended that a capacitor is placed nearby pin between Input pin and GND, output pin and GND.
A capacitor, between input pin and GND, is valid when the power supply impedance is high or drawing is long. Also as for
a capacitor, between output pin and GND, the greater the capacity, more sustainable the line regulation and it makes
improvement of characteristics by load change. However, please check by mounted on a board for the actual application.
Ceramic capacitor usually has difference, thermal characteristics and series bias characteristics, and moreover capacity
decreases gradually by using conditions.
For more detail, please be sure to inquire the manufacturer, and select the best ceramic capacitor.
Equivalent Series Resistance ESR (ceramic capacitor etc.)
Please attach an anti-oscillation capacitor between VO and
GND.
Capacitor
usually
has
ESR(Equivalent
Series
Resistance), and operates stable in ESR-IO range, showed
right. Generally, ESR of ceramic, tantalum and electronic
capacitor etc. is different for each, so please be sure to check
a capacitor which is going to use, and use it inside the stable
operating region, showed right. Then, please evaluate for the
actual application.
ESR – IO characteristics
0.01
0.10
1.00
10.00
0
0.2
0.4
0.6
0.8
1
Io [A]
Safety area
DC Bias Voltage [V]
Ceramic capacitor capacity – DC bias characteristics
(Characteristics example)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
1
2
3
4
Rated Voltage:10V
B1 characteristics
Rated Voltage:4V
X6S characteristics
Rated Voltage:10V
F characteristics
Rated Voltage:6.3V
B characteristics
B characteristics
Rated Voltage:10V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn