Electronic Components Datasheet Search |
|
BD10IC0MEFJ-LBH2 Datasheet(PDF) 14 Page - Rohm |
|
BD10IC0MEFJ-LBH2 Datasheet(HTML) 14 Page - Rohm |
14 / 24 page 14/21 BDxxIC0MEFJ-LB Datasheet TSZ02201-0R6R0AZ00590-1-2 © 2013 ROHM Co., Ltd. All rights reserved. www.rohm.com TSZ22111・15・001 21.Feb.2014 Rev.002 Power Dissipation ◎HTSOP-J8 Thermal design should allow operation within the following conditions. Note that the temperatures listed are the allowed temperature limits, and thermal design should allow sufficient margin from the limits. 1. Ambient temperature Ta can be no higher than 105℃. 2. Chip junction temperature (Tj) can be no higher than 150℃. Chip junction temperature can be determined as follows: Most of the heat loss that occurs in the BDxxIC0MEFJ-LB is generated from the output Pch FET. Power loss is determined by the total VCC-VO voltage and output current. Be sure to confirm the system input and output voltage and the output current conditions in relation to the heat dissipation characteristics of the VCC and VO in the design. Bearing in mind that heat dissipation may vary substantially depending on the substrate employed (due to the power package incorporated in the BDxxIC0MEFJ-LB make certain to factor conditions such as substrate size into the thermal design. Power consumption[W] = Input voltage (VCC) - Output voltage (VO) ×IO(Ave) Example) Where VCC=5.0V, VO=3.3V, IO(Ave) = 0.1A, Power consumption[W] = 5.0V - 3.3V ×0.1A =0.17W Calculation based on ambient temperature (Ta) Tj=Ta+θj-a×W <Reference values> 1-layer substrate (copper foil density 0mm×0mm) 2-layer substrate (copper foil density 15mm×15mm) 2-layer substrate (copper foil density 70mm×70mm) 4-layer substrate (copper foil density 70mm×70mm) Substrate size: 70mm×70mm×1.6mm (substrate with thermal via) θj-a: HTSOP-J8 153.2℃/W 113.6℃/W 59.2℃/W 33.3℃/W Measure condition: mounted on a ROHM board, and IC Substrate size: 70mm × 70mm × 1.6mm (Substrate with thermal via) ・ Solder the substrate and package reverse exposure heat radiation part ① IC only θj-a=249.5℃/W ② 1-layer(copper foil are :0mm×0mm) θj-a=153.2℃/W ③ 2-layer(copper foil are :15mm×15mm) θj-a=113.6℃/W ④ 2-layer(copper foil are :70mm×70mm) θj-a=59.2℃/W ⑤ 4-layer(copper foil are :70mm×70mm) θj-a=33.3℃/W 0 25 50 75 100 125 150 0 2.0 3.0 4.0 ①0.50W 周囲温度:Ta [℃] 1.0 ①0.50W ②0.82W ③1.10W ④2.11W ⑤3.76W Ambient Temperature :Ta [℃] |
Similar Part No. - BD10IC0MEFJ-LBH2 |
|
Similar Description - BD10IC0MEFJ-LBH2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |