Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD10IC0MEFJ-LBH2 Datasheet(PDF) 11 Page - Rohm

Part No. BD10IC0MEFJ-LBH2
Description  1.0A Variable Output Industrial LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

BD10IC0MEFJ-LBH2 Datasheet(HTML) 11 Page - Rohm

Back Button BD10IC0MEFJ-LBH2 Datasheet HTML 7Page - Rohm BD10IC0MEFJ-LBH2 Datasheet HTML 8Page - Rohm BD10IC0MEFJ-LBH2 Datasheet HTML 9Page - Rohm BD10IC0MEFJ-LBH2 Datasheet HTML 10Page - Rohm BD10IC0MEFJ-LBH2 Datasheet HTML 11Page - Rohm BD10IC0MEFJ-LBH2 Datasheet HTML 12Page - Rohm BD10IC0MEFJ-LBH2 Datasheet HTML 13Page - Rohm BD10IC0MEFJ-LBH2 Datasheet HTML 14Page - Rohm BD10IC0MEFJ-LBH2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/21
BDxxIC0MEFJ-LB
Datasheet
TSZ02201-0R6R0AZ00590-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Feb.2014 Rev.002
Fig.15
TSD (IO=0mA)
IO [A]
VCC [V]
Ta [℃]
Ta [℃]
Figure 27.
Vcc-Vo
(Io=0mA)
Figure 28.
TSD (IO=0mA)
Figure 29.
IO-VO
Figure 30.
Minimum dropout
Voltage1
(VCC=3.3V、IO=1.0A)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn