Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1600788-5 Datasheet(PDF) 30 Page - Tyco Electronics

Part # 1-1600788-5
Description  MULTI-BEAM XL and MULTI-BEAM XLE Power Distribution Connector Systems
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1600788-5 Datasheet(HTML) 30 Page - Tyco Electronics

Back Button 1-1600788-5 Datasheet HTML 26Page - Tyco Electronics 1-1600788-5 Datasheet HTML 27Page - Tyco Electronics 1-1600788-5 Datasheet HTML 28Page - Tyco Electronics 1-1600788-5 Datasheet HTML 29Page - Tyco Electronics 1-1600788-5 Datasheet HTML 30Page - Tyco Electronics 1-1600788-5 Datasheet HTML 31Page - Tyco Electronics 1-1600788-5 Datasheet HTML 32Page - Tyco Electronics 1-1600788-5 Datasheet HTML 33Page - Tyco Electronics 1-1600788-5 Datasheet HTML 34Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
39
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
Note: All part numbers are RoHS compliant.
Power Connectors & Interconnection Systems
MINIPAK HDE Connectors (Continued)
Contacts
Industry proven Universal
Power Module (UPM) style
contacts
Performance Data
Current Rating — 18 Amps on each
contact in the 8-position (2x4) connector
Low Level Contact Resistance —
2 milli-ohms max
Operating Temperature —
-40°C to +105°C
Technical Documents
Product Specification
108-2289
Description
Part Number
Dimension L
Mating Connector*
2 x 3
1926223-1
.472" [12.00]
5-5223955-2
2 x 4
1926224-1
.590" [15.00]
120953-1
2 x 5
1926225-1
.708" [18.00]
120953-2
2 x 6
1926226-1
.826" [21.00]
120953-3
2 x 7
1926227-1
.944" [24.00]
120953-4
2 x 8
1926228-1
1.06" [27.00]
120953-5
2 x 9
1926229-1
1.18" [30.00]
120953-6
2 x 10
1926271-1
1.30" [33.00]
120953-7
2 x 11
1926272-1
1.42" [36.00]
120953-8
2 x 12
1926273-1
1.54" [39.00]
120953-9
*Mating connectors are single row, MINIPAK HDE requires 2 x mating
connectors.
Note: For more information on the mating connector please see page 52.
Receptacle Seating Tool Part Number 1585309-X.
.844
[21.44]
.969
[24.63]
.118
[3.00]
Pitch
.753
[19.13]
L
.111
[2.83]


Similar Part No. - 1-1600788-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1600788-5 TEC-1-1600788-5 Datasheet
1Mb / 7P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1-1600788-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2820303-2 ETC2-2820303-2 Datasheet
2Mb / 3P
   MULTI-BEAM XLE Power Connectors
logo
TE Connectivity Ltd
C-2334571-1 TEC-C-2334571-1 Datasheet
273Kb / 2P
   RIGHT ANGLE RECEPTACLE, SOLDER MULTI-BEAM PLUS
logo
Ledil, Inc.
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
   Beam with wide light distribution
C13751 LEDIL-C13751 Datasheet
5Mb / 5P
   Beam with wide light distribution
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
   Beam with wide light distribution and good illuminance uniformity
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
   Beam with wide light distribution and good illuminance uniformity
CS15689 LEDIL-CS15689 Datasheet
4Mb / 6P
   Beam with wide light distribution and good illuminance uniformity
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
   Beam with wide light distribution and good illuminance uniformity
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
   Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
logo
List of Unclassifed Man...
RCA-6146B ETC2-RCA-6146B Datasheet
1Mb / 8P
   BEAM POWER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com