Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1600788-4 Datasheet(PDF) 46 Page - Tyco Electronics

Part # 1-1600788-4
Description  MULTI-BEAM XL and MULTI-BEAM XLE Power Distribution Connector Systems
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1600788-4 Datasheet(HTML) 46 Page - Tyco Electronics

Back Button 1-1600788-4 Datasheet HTML 42Page - Tyco Electronics 1-1600788-4 Datasheet HTML 43Page - Tyco Electronics 1-1600788-4 Datasheet HTML 44Page - Tyco Electronics 1-1600788-4 Datasheet HTML 45Page - Tyco Electronics 1-1600788-4 Datasheet HTML 46Page - Tyco Electronics 1-1600788-4 Datasheet HTML 47Page - Tyco Electronics 1-1600788-4 Datasheet HTML 48Page - Tyco Electronics 1-1600788-4 Datasheet HTML 49Page - Tyco Electronics 1-1600788-4 Datasheet HTML 50Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
55
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
Note: All part numbers are RoHS compliant.
Power Connectors & Interconnection Systems
Universal Power Module (UPM) (Continued)
Material and Finish
Housing — PBT
Natural color
UL 94V-0
Contacts —
Standard Power —
Phosphor Bronze
High Power —
High Conductivity Copper Alloy
Plating — 0.00127 (.000050) min.
gold in mating area, 0.0050 (.000020)
min. tin-lead on ACTION PIN post area,
with entire contact underplated 0.00127
(.000050) min. nickel
Notes: 1. Environmental lubrication
pre-applied
2. RoHS compliant parts have
tin plated ACTION PIN posts
Related Product Data
Durability — 250 cycles
Mating Force — 1.0N per contact
Unmating Force — .5N per contact
Guiding Hardware (Optional) —
pages 58 and 59
Seating Tooling —
Header
Seating Tool 224441-X
Board Support Fixture 224442-1
Receptacle
Seating Tool 224421-X
Board Support Fixture 217602-1
Technical Documents
Product Specification
108-1651 (UPM)
108-78387 (Slim UPM)
Application Specification
114-1103
Instruction Sheet
408-4169 (Receptacle
Seating Tool 224421-X)
New short PCB tail available.
Contact Tyco Electronics for
more information.
Vertical
Right-Angle
No. of
Standard Power
High Power
High Power
Circuit
10 Amps/Contact
16 Amps/Contact
16 Amps/Contact
Positions
Part Numbers
Part Numbers
Part Numbers
3
5223955-2
5-5223955-2
120943-1
4
5223995-1
120953-1
120943-2
5
5223995-2
120953-2
120943-3
6
5223995-3
120953-3
120943-4
7
5223995-4
120953-4
120943-5
8
5223995-5
120953-5
120943-6
9
5223995-6
120953-6
120943-7
.478 ± .002
[12.15 ± 0.05]
.236 ± .002
[6.00 ± 0.05]
.302 ± .003
[7.67 ± 0.08]
.392 ± .002
[9.95 ± 0.05]
.984
[25.00]
Right-Angle
Part Number 120943
Part Number 1903978
Vertical and Right-Angle
Receptacles
Slim UPM Vertical Receptacle
Number of Positions
Width
Part Number
4
.236
1903978-1
[6.00]
1903978-2
Seating Tool


Similar Part No. - 1-1600788-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1600788-4 TEC-1-1600788-4 Datasheet
1Mb / 7P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1-1600788-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2820303-2 ETC2-2820303-2 Datasheet
2Mb / 3P
   MULTI-BEAM XLE Power Connectors
logo
TE Connectivity Ltd
C-2334571-1 TEC-C-2334571-1 Datasheet
273Kb / 2P
   RIGHT ANGLE RECEPTACLE, SOLDER MULTI-BEAM PLUS
logo
Ledil, Inc.
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
   Beam with wide light distribution
C13751 LEDIL-C13751 Datasheet
5Mb / 5P
   Beam with wide light distribution
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
   Beam with wide light distribution and good illuminance uniformity
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
   Beam with wide light distribution and good illuminance uniformity
CS15689 LEDIL-CS15689 Datasheet
4Mb / 6P
   Beam with wide light distribution and good illuminance uniformity
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
   Beam with wide light distribution and good illuminance uniformity
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
   Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
logo
List of Unclassifed Man...
RCA-6146B ETC2-RCA-6146B Datasheet
1Mb / 8P
   BEAM POWER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com