Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1600788-4 Datasheet(PDF) 23 Page - Tyco Electronics

Part # 1-1600788-4
Description  MULTI-BEAM XL and MULTI-BEAM XLE Power Distribution Connector Systems
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1600788-4 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button 1-1600788-4 Datasheet HTML 19Page - Tyco Electronics 1-1600788-4 Datasheet HTML 20Page - Tyco Electronics 1-1600788-4 Datasheet HTML 21Page - Tyco Electronics 1-1600788-4 Datasheet HTML 22Page - Tyco Electronics 1-1600788-4 Datasheet HTML 23Page - Tyco Electronics 1-1600788-4 Datasheet HTML 24Page - Tyco Electronics 1-1600788-4 Datasheet HTML 25Page - Tyco Electronics 1-1600788-4 Datasheet HTML 26Page - Tyco Electronics 1-1600788-4 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
32
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
Note: All part numbers are RoHS compliant.
Power Connectors & Interconnection Systems
MINIPAK High-Density Board-to-Board Power Connectors (Continued)
Custom MINIPAK Connector
Configurations
If the standard MINIPAK
connector configuration
does not meet your
application requirements,
Tyco Electronics may be
able to tool a custom
MINIPAK connector solution
depending on your require-
ments and production
volume. Please consult
Customer Service for
details.
Right-Angle PCB Plug
Mating Pair
Vertical PCB Receptacle
Part Number
No. 30A
No. 15A
Signal
Tails
Overall
Mating
Tails
Special Feature
Pwr
Pwr
Contacts
Length
Part Number
6651672-2
3
2
6
Solder
1.38
6651673-1
Compliant Press-Fit
DualBlade
35.00
6651670-1
3
2
24
Solder
2.87
6651671-1
Compliant Press-Fit
DualBlade
73.00
6651742-1
8
12
58
Solder
3.78
6651743-1
Compliant Press-Fit
Stacked
96.00
6651668-1
21
0
24
Solder
5.71
6651669-1
Compliant Press-Fit
145.00
6651380-1
6
5
36
Solder
4.50
6651381-2
Compliant Press-Fit
DualBlade
114.50
*The remaining power contacts are 30 Amps each
Co-Planar Stacked MINIPAK Connector
Right-Angle PCB Plug
Mating Pair
Right-Angle PCB Receptacle
Part Number
No. 30A
No. 15A
Signal
Tails
Overall
Mating
Tails
Special Feature
Pwr
Pwr
Contacts
Length
Part Number
1766056-1
2
6
36
Solder
1.55
1766057-1
Solder
Stacked
39.30
DualBlade Contact
DualBlade Contact provides two
15 Amp contacts in the space of
one 30 Amp contact
DualBlade Contact
Housing Assembly
Stacked MINIPAK Connector


Similar Part No. - 1-1600788-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1600788-4 TEC-1-1600788-4 Datasheet
1Mb / 7P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1-1600788-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2820303-2 ETC2-2820303-2 Datasheet
2Mb / 3P
   MULTI-BEAM XLE Power Connectors
logo
TE Connectivity Ltd
C-2334571-1 TEC-C-2334571-1 Datasheet
273Kb / 2P
   RIGHT ANGLE RECEPTACLE, SOLDER MULTI-BEAM PLUS
logo
Ledil, Inc.
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
   Beam with wide light distribution
C13751 LEDIL-C13751 Datasheet
5Mb / 5P
   Beam with wide light distribution
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
   Beam with wide light distribution and good illuminance uniformity
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
   Beam with wide light distribution and good illuminance uniformity
CS15689 LEDIL-CS15689 Datasheet
4Mb / 6P
   Beam with wide light distribution and good illuminance uniformity
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
   Beam with wide light distribution and good illuminance uniformity
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
   Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
logo
List of Unclassifed Man...
RCA-6146B ETC2-RCA-6146B Datasheet
1Mb / 8P
   BEAM POWER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com