Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1600788-0 Datasheet(PDF) 50 Page - Tyco Electronics

Part # 1-1600788-0
Description  MULTI-BEAM XL and MULTI-BEAM XLE Power Distribution Connector Systems
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1600788-0 Datasheet(HTML) 50 Page - Tyco Electronics

Back Button 1-1600788-0 Datasheet HTML 44Page - Tyco Electronics 1-1600788-0 Datasheet HTML 45Page - Tyco Electronics 1-1600788-0 Datasheet HTML 46Page - Tyco Electronics 1-1600788-0 Datasheet HTML 47Page - Tyco Electronics 1-1600788-0 Datasheet HTML 48Page - Tyco Electronics 1-1600788-0 Datasheet HTML 49Page - Tyco Electronics 1-1600788-0 Datasheet HTML 50Page - Tyco Electronics 1-1600788-0 Datasheet HTML 51Page - Tyco Electronics 1-1600788-0 Datasheet HTML 52Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
59
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
Power Connectors & Interconnection Systems
Note: All part numbers are RoHS
compliant.
Backplane and Co-Planar Guide Modules (Continued)
10.8 Guide Modules
Rugged design — to support heavier
cards
Better gatherability +/-3.5 mm
10.8 mm width
Die Cast Pin
Die Cast Receptacle
ESD Ground Option
Finish: Nickel plated
9.0 VITA 46 Guide Modules
Die Cast Pins and Receptacles
Keyed to prevent mis-mating daughter
cards
Meets VITA 46 Specification
Gatherability +/-3.5 mm
Finish: Silver plated
7.2 Thin Guide Modules
Die Cast Pin and Receptacle
7.2 mm width
Gatherability +/-2.5 mm
Finish: Trivalent Chromium
.283
[7.20]
.283
[7.20]
.283
[7.20]
.354
[9.00]
.425
[10.80]
Part Number
Type
Right-Angle
Vertical Pin
With ESD
Without ESD
Internal M3.5 Thread
External M5 Thread
0
1-1410297-1
1-1410546-1
90
1-1410297-3
1-1410546-3
1410548-3
1-1410773-2
180
1-1410297-5
1-1410546-5
225
1-1410297-6
1-1410546-6
*See customer drawing for dash numbers
Part Number
Type
Right-Angle*
Vertical Pin Thread Depth
10 mm
11.6 mm
13.1 mm
1-1469492-1
45°
1-1469492-2
90°
1-1469492-3
1-1469491-2
1-1469491-3
1-1469491-4
270°
1-1469492-7
315°
1-1469492-8
Un-keyed
1-1469492-9
*Mounting screw Part Number 1410946-X required
VITA 41 Guide Modules
Die Cast Pins and Receptacles
Meets VITA 41 Specification
Gatherability +/-2 mm
Finish: Clear Chromate
Key
Part Number
Vertical Short Pin
Vertical Long Pin
Right-Angle Module
1410962-1
1410963-1
1410465-1
270°
1410962-7
1410963-7
1410465-7
Part Number
Right-Angle
Vertical Pin Thread Length
8.7 mm
11.6 mm
1410714-3
1-1410710-1
1-1410710-3
Type
Part Number
Vertical Pin
Double-Ended
1410956-1


Similar Part No. - 1-1600788-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1600788-0 TEC-1-1600788-0 Datasheet
1Mb / 7P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1-1600788-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2820303-2 ETC2-2820303-2 Datasheet
2Mb / 3P
   MULTI-BEAM XLE Power Connectors
logo
TE Connectivity Ltd
C-2334571-1 TEC-C-2334571-1 Datasheet
273Kb / 2P
   RIGHT ANGLE RECEPTACLE, SOLDER MULTI-BEAM PLUS
logo
Ledil, Inc.
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
   Beam with wide light distribution
C13751 LEDIL-C13751 Datasheet
5Mb / 5P
   Beam with wide light distribution
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
   Beam with wide light distribution and good illuminance uniformity
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
   Beam with wide light distribution and good illuminance uniformity
CS15689 LEDIL-CS15689 Datasheet
4Mb / 6P
   Beam with wide light distribution and good illuminance uniformity
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
   Beam with wide light distribution and good illuminance uniformity
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
   Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
logo
List of Unclassifed Man...
RCA-6146B ETC2-RCA-6146B Datasheet
1Mb / 8P
   BEAM POWER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com