Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1600788-0 Datasheet(PDF) 18 Page - Tyco Electronics

Part # 1-1600788-0
Description  MULTI-BEAM XL and MULTI-BEAM XLE Power Distribution Connector Systems
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1600788-0 Datasheet(HTML) 18 Page - Tyco Electronics

Back Button 1-1600788-0 Datasheet HTML 14Page - Tyco Electronics 1-1600788-0 Datasheet HTML 15Page - Tyco Electronics 1-1600788-0 Datasheet HTML 16Page - Tyco Electronics 1-1600788-0 Datasheet HTML 17Page - Tyco Electronics 1-1600788-0 Datasheet HTML 18Page - Tyco Electronics 1-1600788-0 Datasheet HTML 19Page - Tyco Electronics 1-1600788-0 Datasheet HTML 20Page - Tyco Electronics 1-1600788-0 Datasheet HTML 21Page - Tyco Electronics 1-1600788-0 Datasheet HTML 22Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
27
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
Power Connectors & Interconnection Systems
Note: All part numbers are RoHS compliant.
MULTI-BEAM XL Power Distribution Connector System
Cable Plug Assemblies (Continued)
Configurations/
Part Numbers
Module
Maximum Wire Size
Max.
Designation
AWG
mm2
Insulation Dia.
300 (ACP)
8
10.5
.272
6.91
250 (P)
10
6.6
.215
5.46
200 (HDP)
12
2.6
.156
3.96
Module
Maximum Wire Size
Max.
Designation
AWG
mm2
Insulation Dia.
Signals
22–26
0.14–0.32
.036–.054
0.91–1.37
Power Module Widths:
0.300
″ (ACP)
0.250
″ (P)
0.200
″ (HDP)
Signal Module Width:
0.200
″ (8 Contacts)
PMT
STL
Mating Receptacles*
STR
Mating
Configuration
Series
Series
Series
Receptacles
Plug
Plug
Vertical
Right-Angle
Plug
Vertical
3 ACP
1761421-1
6450543-6
6450173-1
4 P
1761421-3
6450543-5
1600814-2
1P/16S/1P
1600236-5
1600820-2
2-6450170-0
1600238-4
6450740-4
1P/24S/1P
1600236-4
1600820-1
6450540-1
6450160-3
1600238-3
6450740-5
2P/24S/2P
1600236-6
1600820-3
5-6450540-9
2-6450170-1
1600238-5
6450740-6
3ACP/24S/3ACP
1600236-7
1600820-4
4-6450550-1
2-6450170-2
1600238-6
6450740-7
PMT Series — Panel-Mount with total 3 mm float in X,Y and Z directions
STL Series — Panel-Mount with total 1.5 mm float in X and Y directions
STR Series — Squeeze-to-Release for removeable Cable-to-Board / I/O Applications
*Specifications on mating PCB mountable receptacles:
Product Specification 108-2157-1
Application Specification 114-13164
PMT
STR
STL


Similar Part No. - 1-1600788-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1600788-0 TEC-1-1600788-0 Datasheet
1Mb / 7P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1-1600788-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2820303-2 ETC2-2820303-2 Datasheet
2Mb / 3P
   MULTI-BEAM XLE Power Connectors
logo
TE Connectivity Ltd
C-2334571-1 TEC-C-2334571-1 Datasheet
273Kb / 2P
   RIGHT ANGLE RECEPTACLE, SOLDER MULTI-BEAM PLUS
logo
Ledil, Inc.
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
   Beam with wide light distribution
C13751 LEDIL-C13751 Datasheet
5Mb / 5P
   Beam with wide light distribution
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
   Beam with wide light distribution and good illuminance uniformity
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
   Beam with wide light distribution and good illuminance uniformity
CS15689 LEDIL-CS15689 Datasheet
4Mb / 6P
   Beam with wide light distribution and good illuminance uniformity
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
   Beam with wide light distribution and good illuminance uniformity
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
   Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
logo
List of Unclassifed Man...
RCA-6146B ETC2-RCA-6146B Datasheet
1Mb / 8P
   BEAM POWER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com