Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THN30-4822 Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

Part # THN30-4822
Description  DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THN30-4822 Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  THN30-4822 Datasheet HTML 1Page - Touchstone Semiconductor Inc THN30-4822 Datasheet HTML 2Page - Touchstone Semiconductor Inc THN30-4822 Datasheet HTML 3Page - Touchstone Semiconductor Inc THN30-4822 Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.tracopower.com
Page 2 of 4
DC/DC Converters
THN 30 Series
30 Watt
Input Specifications
Input current at no load (at nominal input voltage)
12 V models: 12 mA typ
24 V models: 10 mA typ.
48 V models: 8 mA typ.
Start-up voltage
12 V models: < 9.0 VDC
24 V models: < 18 VDC
48 V models: < 36 VDC
Under voltage shut down (lock-out circuit)
12 V models: 8.0 VDC typ.
24 V models: 16 VDC typ.
48 V models: 33 VDC typ.
Surge voltage (1 sec. max.)
12 V models: 25 V max
24 V models: 50 V max.
48 V models: 100 V max.
Reflected input ripple current
30 mAp-p typ.
Conducted noise (input)
EN 55022 level A, FCC part 15, level A with
external capacitor see: application note
ESD (electrostatic discharge)
EN 61000-4-2, air ±8 kV, contact ±6 kV,
perf. criteria A
Radiated immunity
EN 61000-4-3, 10 V/m, perf. criteria A
Fast transient / Surge
EN 61000-4-4, ±2 kV, perf. criteria A
EN 61000-4-5, ±2 kV perf. criteria A
With external input capacitor e.g. Nippon
chemi-con KY 220 µF, 100 V, ESR 48 mOhm
Conducted immunity
EN 61000-4-6, 10 Vrms, perf. criteria A
Recommended input fuse (slow blow)
12 V models: 6300 A
24 V models: 3150 mA
48 V models: 1600 mA
Output Specifications
Voltage set accuracy
±1 %
Output voltage adjustment range (see application note)
15 & 24 VDC models: +20 / –10 %
other single output models: ±10 %
Regulation
– Input variation (Vmin – Vmax)
single output models: 0.2 % max.
dual output models: 0.5 % max.
– Load variation (0 – 100 %)
single output models: 0.2 % max.
dual output models balanced load: 1.0 % max.
dual output models unbalanced load (25% /100%): 5.0 % max.
Minimum load
not required
Ripple and noise (measured with output capacitor)
3.3 & 5.0 VDC models: 75 mVp-p with (22µF/25V X7R 1812 MLCC)
(20 MHz bandwidth)
12 & 15 VDC models: 75 mVp-p with (2x 22µF/25V X7R 1812 MLCC)
24 VDC models: 75 mVp-p with (2x 6.8µF/50V X7R 1812 MLCC)
dual output models: 60 mVp-p with (10µF/50V X7R 1812 MLCC)
Temperature coefficient
±0.02 %/K
Output current limitation
at 140 % of Iout max.
Short circuit protection
hiccup, automatic recovery
Over voltage protection
3.3 VDC models: 3.7 – 5.4 Vout
5 VDC models: 5.6 – 7.0 Vout
12 VDC models: 13.5 – 19.6 Vout
15 VDC models: 18.3 – 22.0 Vout
24 VDC models: 29.1 – 32.5 Vout
Start up time (nominal Vin and constant resistive load)
30 ms max. (for power on and remote on)
Transient response setting time
250 µs typ. (25% load step change)


Similar Part No. - THN30-4822

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THN30-4822 TRACOPOWER-THN30-4822 Datasheet
918Kb / 4P
   DC/DC Converter THN 30 Series, 30 Watt
Rev. November 30, 2022
logo
Touchstone Semiconducto...
THN30-4822WI TOUCHSTONE-THN30-4822WI Datasheet
433Kb / 4P
   DC/DC Converters
logo
TRACO Electronic AG
THN30-4822WI TRACOPOWER-THN30-4822WI Datasheet
907Kb / 4P
   DC/DC Converter THN 30WI Series, 30 Watt
Rev. November 30, 2022
THN30-4822WIR TRACOPOWER-THN30-4822WIR Datasheet
941Kb / 6P
   DC/DC Railway Converter THN 30WIR Series, 30 Watt
Rev. November 30, 2022
More results

Similar Description - THN30-4822

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com