Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHV1205K6000P Datasheet(PDF) 4 Page - Touchstone Semiconductor Inc

Part # SHV1205K6000P
Description  High Voltage Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

SHV1205K6000P Datasheet(HTML) 4 Page - Touchstone Semiconductor Inc

  SHV1205K6000P Datasheet HTML 1Page - Touchstone Semiconductor Inc SHV1205K6000P Datasheet HTML 2Page - Touchstone Semiconductor Inc SHV1205K6000P Datasheet HTML 3Page - Touchstone Semiconductor Inc SHV1205K6000P Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications can be changed without notice! Make sure you are using the latest documentation, downloadable at www.tracopower.com
www.tracopower.com
Page 4 of 4
Outline Dimensions
Pin
Case A
Case B
1
+Vin (Vcc)
+Vin (Vcc)
2
–Vin (GND)
–Vin (GND)
3
V adj.
V adj.
4
V ref.
V ref.
5
Common
ON/OFF
6
Vout
Common
7
no pin
Vout
Pin-Out
Rev. January 10. 2014
Dimensions in [mm], () = Inch
Pin diameter: 0.65 ±0.05 (0.03 ±0.002)
Tolerances: ±0.5 (±0.02)
80
Case A
1– 4
5
6
(3.15)
3 x 2.54
(3 x 0.1)
27.94
(1.1)
17.78
(0.7)
15.24
(0.6)
12
(0.47)
2
(0.08)
110
Case B
1 – 5
6
7
(4.33)
4 x 2.54
(4 x 0.1)
40.64
(1.6)
38.10
(1.5)
7.62
(0.3)
12
(0.47)
2
(0.08)
131
Case C
Case C
6
7
1– 5
(5.16)
Lead length 250 mm (10.0)
4.0
(0.16)
4.0
(0.16)
4.5
(0.18)
Pin
Lead color
Case C
1
red
+Vin (Vcc)
2
black
–Vin (GND)
3
yellow
V adj.
4
orange
V ref.
5
blue
ON/OFF
6
black
Common
7
red
Vout
Pin-Out
High Voltage Power Supplies
THV Series
2 – 3 Watt


Similar Part No. - SHV1205K6000P

ManufacturerPart #DatasheetDescription
logo
Bellnix Co.,Ltd.
SHV12-0.5K6000N BELLNIX-SHV12-0.5K6000N Datasheet
458Kb / 4P
   Ultra small size high voltage power supply 500V to 2KV, chassis installing type 2W to 3W adjustable output high voltage power supply
logo
TRACO Electronic AG
SHV12-0.5K6000N TRACOPOWER-SHV12-0.5K6000N Datasheet
403Kb / 4P
   High Voltage Power Supplies THV Series, 2 – 3 Watt
Rev. August 17. 2015
logo
Bellnix Co.,Ltd.
SHV12-0.5K6000P BELLNIX-SHV12-0.5K6000P Datasheet
458Kb / 4P
   Ultra small size high voltage power supply 500V to 2KV, chassis installing type 2W to 3W adjustable output high voltage power supply
logo
TRACO Electronic AG
SHV12-0.5K6000P TRACOPOWER-SHV12-0.5K6000P Datasheet
403Kb / 4P
   High Voltage Power Supplies THV Series, 2 – 3 Watt
Rev. August 17. 2015
logo
Bellnix Co.,Ltd.
SHV12-1.0K2000N BELLNIX-SHV12-1.0K2000N Datasheet
458Kb / 4P
   Ultra small size high voltage power supply 500V to 2KV, chassis installing type 2W to 3W adjustable output high voltage power supply
More results

Similar Description - SHV1205K6000P

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
ACN2132L8 HVPSI-ACN2132L8 Datasheet
56Kb / 2P
   HIGH VOLTAGE POWER SUPPLIES
ACN2234L25 HVPSI-ACN2234L25_15 Datasheet
515Kb / 2P
   High Voltage Power Supplies
ACN2422L10 HVPSI-ACN2422L10_15 Datasheet
608Kb / 2P
   High Voltage Power Supplies
logo
TDK Electronics
203L-5KV-POS-3P480 TDK-203L-5KV-POS-3P480 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203L-15KV-NEG-3P208 TDK-203L-15KV-NEG-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 07, 2022
203L-15KV-POS-3P400 TDK-203L-15KV-POS-3P400 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203S-15KV-NEG-3P208 TDK-203S-15KV-NEG-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203S-1KV-POS-3P480 TDK-203S-1KV-POS-3P480 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203S-2KV-NEG-3P208 TDK-203S-2KV-NEG-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203L-30KV-POS-3P208 TDK-203L-30KV-POS-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203L-40KV-NEG-3P208 TDK-203L-40KV-NEG-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com