Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THN30-4811 Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # THN30-4811
Description  DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THN30-4811 Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  THN30-4811 Datasheet HTML 1Page - Touchstone Semiconductor Inc THN30-4811 Datasheet HTML 2Page - Touchstone Semiconductor Inc THN30-4811 Datasheet HTML 3Page - Touchstone Semiconductor Inc THN30-4811 Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.tracopower.com
Page 1 of 4
DC/DC Converters
THN 30 Series, 30 Watt
Order code
Input voltage range
Output voltage
Output current max.
Efficiency typ.
THN 30-1210
3.3 VDC
7000 mA
86 %
THN 30-1211
5.0 VDC
6000 mA
89 %
THN 30-1212
9 – 18 VDC
12 VDC
2500 mA
89 %
THN 30-1213
(12 VDC nominal)
15 VDC
2000 mA
89 %
THN 30-1215
24 VDC
1250 mA
89 %
THN 30-1222
±12 VDC
±1250 mA
89 %
THN 30-1223
±15 VDC
±1000 mA
90 %
THN 30-2410
3.3 VDC
7000 mA
87 %
THN 30-2411
5.0 VDC
6000 mA
90 %
THN 30-2412
18 – 36 VDC
12 VDC
2500 mA
91 %
THN 30-2413
(24 VDC nominal)
15 VDC
2000 mA
91 %
THN 30-2415
24 VDC
1250 mA
91 %
THN 30-2422
±12 VDC
±1250 mA
91 %
THN 30-2423
±15 VDC
±1000 mA
91 %
THN 30-4810
3.3 VDC
7000 mA
87 %
THN 30-4811
5.0 VDC
6000 mA
89 %
THN 30-4812
36 – 75 VDC
12 VDC
2500 mA
90 %
THN 30-4813
(48 VDC nominal)
15 VDC
2000 mA
91 %
THN 30-4815
24 VDC
1250 mA
91 %
THN 30-4822
±12 VDC
±1250 mA
91 %
THN 30-4823
±15 VDC
±1000 mA
92 %
Models
CB
Scheme
UL 60950-1UL 60950-1
Features
Highest power density 30W converter!
Ultra compact size: 1.0” x 1.0” x 0.4”
Shielded metal case with isolated
baseplate
Wide 2:1 input voltage range
Very high efficiency across full load range
up to 92%
Over temperature protection
Operating temp. range –40°C to +80°C
and up to 85 °C with heat-sink
Ultra low no load input current
Remote On/Off control
Output voltage adjustable
I/O isolation voltage 1500 VDC
RoHS 2011/65/EU compliant
3-year product warranty
The THN-30 series is the latest generation of high performance DC/DC converter
modules with highest power density. The product achieves 30W output power while
it comes in a metal case with dimensions of only 1.0”x 1.0”x 0.4”.
All models have an wide 2:1 input voltage range and precisely regulated output
voltages, even under no load conditions. Highest efficiency across load range makes
this product very reliable and applicable in temperature ranges of up to 85°C. With
a low input current at no load and remote On/Off control these converters are
the ideal solution for battery-operated systems. Typical applications are in mobile
equipments, instrumentation, distributed power architectures in communication and
industrial electronics and everywhere where space on the PCB is critical.


Similar Part No. - THN30-4811

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THN30-4811 TRACOPOWER-THN30-4811 Datasheet
918Kb / 4P
   DC/DC Converter THN 30 Series, 30 Watt
Rev. November 30, 2022
logo
Touchstone Semiconducto...
THN30-4811WI TOUCHSTONE-THN30-4811WI Datasheet
433Kb / 4P
   DC/DC Converters
logo
TRACO Electronic AG
THN30-4811WI TRACOPOWER-THN30-4811WI Datasheet
907Kb / 4P
   DC/DC Converter THN 30WI Series, 30 Watt
Rev. November 30, 2022
THN30-4811WI-A1 TRACOPOWER-THN30-4811WI-A1 Datasheet
907Kb / 4P
   DC/DC Converter THN 30WI Series, 30 Watt
Rev. November 30, 2022
THN30-4811WIR TRACOPOWER-THN30-4811WIR Datasheet
941Kb / 6P
   DC/DC Railway Converter THN 30WIR Series, 30 Watt
Rev. November 30, 2022
More results

Similar Description - THN30-4811

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com