Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6450830-4 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 6450830-4
Description  MULTI-BEAM XL and MULTI-BEAM XLE Power Distribution Connector Systems
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6450830-4 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 6450830-4 Datasheet HTML 3Page - Tyco Electronics 6450830-4 Datasheet HTML 4Page - Tyco Electronics 6450830-4 Datasheet HTML 5Page - Tyco Electronics 6450830-4 Datasheet HTML 6Page - Tyco Electronics 6450830-4 Datasheet HTML 7Page - Tyco Electronics 6450830-4 Datasheet HTML 8Page - Tyco Electronics 6450830-4 Datasheet HTML 9Page - Tyco Electronics 6450830-4 Datasheet HTML 10Page - Tyco Electronics 6450830-4 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
16
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
“NEW” MULTI-BEAM XLE Connectors (Continued)
Note: All part numbers are RoHS compliant.
Power Connectors & Interconnection Systems
Application Tooling
Right-Angle Plugs:
Flat-rock seating tools (no unique tools required)
Right-Angle Receptacles:
Flat-rock seating tools (no unique tools required)
Vertical Plugs:
Contact Tyco Electronics for required seating tools
Vertical Receptacles:
Flat-rock seating tools (no unique tools required)
.820
[20.83]
.470
[11.94]
Configuration Description
ACP
P
HDP
LP
S
.300
′′ [7.62 mm] spacing
.250
′′ [6.35 mm] spacing
.200
′′ [5.08 mm] spacing
.115
′′ [2.92 mm] spacing
.100
′′ [2.54 mm] spacing
300 Volts
200 Volts
50 Volts
200 Volts
50 Volts
ACP indicates the high power contact on 300 VAC spacing.
P indicates the high power contact on 200 VDC spacing.
LP indicates the low power contact on 200 VDC spacing.
S indicates the signal contact on 60 VDC spacing.
Part Number 6450880-1
Right-Angle Receptacle
Part Number 6450830-2
Right-Angle Plug
Specifications
Materials
Housing — High temperature thermo-
plastic, UL 94V-0
Power Contacts — High conductivity
Copper alloy
Signal Contacts — Copper alloy
Boardlocks — Phosphor bronze
Finish
Power and Signal Contacts —
30 microinches [.76 micrometers] min.
gold over 50 microinches [1.27
micrometers] min. nickel on mating
surfaces, 100 microinches [2.54
micrometers] min. tin over 50
microinches [1.27 micrometers] min.
nickel at PCB terminations
Electrical
Current Carrying Capacity:
50 Amp high power contact (over 35% increase compared to MULTI-BEAM XL product)
20 Amp low power contact (occupies 50% PCB space than MULTI-BEAM XL power contact)
Contact resistance: 0.7 milliohm per contact at rated current
MULTI-BEAM XLE Connector Part Numbers
Part Numbers
Mating Part Numbers
Available
Right-Angle
Vertical
Overall Length
Right-Angle
Vertical
Configurations
Plugs
Plugs
of Plug
Receptacle
Receptacle
1P/24S/1P
6450840-7
6450820-2
1.54
′′ [39.12 mm]
6450870-5
6450850-3
2LP/8S/2LP
6450830-1
1.175
′′ [29.84 mm]
6450860-1
6LP/24S/3P
6450830-2
2.555
′′ [64.89 mm]
6450880-1
6450850-2
2P/32S/2LP
6450830-4
2.020’ [51.30 mm]
6450870-1
2P/24S/2P
6450830-5
2.040
′′ [51.81 mm]
6450870-3
3P/245/3P
6450830-9
2.54
′′ [64.52 mm]
6450870-4
3P/32S/3P
6450820-3
2.79
′′ [70.87 mm]
6450870-8
32S/4LP
6450831-1
1.750
′′ [44.45 mm]
6450871-1
6LP/24S/10P
1-6450830-0
3.86
′′ [97.92 mm]
6450860-5
12P/48S/8LP
6450840-3
5.600
′′ [142.24 mm]
6450880-4
6450860-3
4ACP/48S/12HDP
6450840-4
6450810-1
5.390
′′ [136.90 mm]
6450880-3
6450860-2
2.530 ± .100
[64.26 ± 2.54]
.930
[23.62]


Similar Part No. - 6450830-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
6450830-4 TEC-6450830-4 Datasheet
4Mb / 42P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 6450830-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2820303-2 ETC2-2820303-2 Datasheet
2Mb / 3P
   MULTI-BEAM XLE Power Connectors
logo
TE Connectivity Ltd
C-2334571-1 TEC-C-2334571-1 Datasheet
273Kb / 2P
   RIGHT ANGLE RECEPTACLE, SOLDER MULTI-BEAM PLUS
logo
Ledil, Inc.
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
   Beam with wide light distribution
C13751 LEDIL-C13751 Datasheet
5Mb / 5P
   Beam with wide light distribution
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
   Beam with wide light distribution and good illuminance uniformity
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
   Beam with wide light distribution and good illuminance uniformity
CS15689 LEDIL-CS15689 Datasheet
4Mb / 6P
   Beam with wide light distribution and good illuminance uniformity
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
   Beam with wide light distribution and good illuminance uniformity
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
   Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
logo
List of Unclassifed Man...
RCA-6146B ETC2-RCA-6146B Datasheet
1Mb / 8P
   BEAM POWER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com