Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THL10-4813WI Datasheet(PDF) 4 Page - Touchstone Semiconductor Inc

Part # THL10-4813WI
Description  DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THL10-4813WI Datasheet(HTML) 4 Page - Touchstone Semiconductor Inc

  THL10-4813WI Datasheet HTML 1Page - Touchstone Semiconductor Inc THL10-4813WI Datasheet HTML 2Page - Touchstone Semiconductor Inc THL10-4813WI Datasheet HTML 3Page - Touchstone Semiconductor Inc THL10-4813WI Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
Jenatschstrasse 1 · CH-8002 Zurich · Switzerland
Tel. +41 43 311 45 11 · Fax +41 43 311 45 45 · info@traco.ch · www.tracopower.com
DC/DC Converters
THL 10WI Series
10 Watt
Outline Dimensions
Dimensions in [mm], () = Inch
Pin diameter ø 1.0 (0.04)
Pin pitch tolerances: ±0.25 (±0.01)
Tolerances: ±0.5 (±0.02)
Rev. 06/12.1
Specifications can be changed any time without notice.
Pin
Single
Dual
1
+Vin (Vcc)
+Vin (Vcc)
2
–Vin (GND)
–Vin (GND)
3
+ Vout
+ Vout
4
No pin
Common
5
–Vout
–Vout
6
Remote On/Off
Pin-Out
Note:
The product label on converter has to be re-
moved before mounting the heat-sink.
For volume orders converters will be sup-
plied with heat-sink already mounted. Please
contact factory for quotation.
Separate heat-sinks are only available for
prototypes and small quantity orders.
Order code: THL-HS1
(cont.: heat-sink, thermal pad, 2 clamps)
Material:
Aluminum
Finish:
Anodic treatment (black)
Weight:
4.0 g (0.14oz) without converter
Thermal impedance after assembling: 15.8 K/W
31.0 (1.22) max.
17.5 (0.69)
max.
Converter
Heat-sink
Thermal pad
Clamp
25.4
Bottom view
7.62
6.0
(0.3)
(0.24)
(1.0)
5.08
(0.2)
10.2
(0.4)
1
2
3
6
5
4
10.16
(0.4)
2.5
(0.1)
10.16
(0.4)
Heat-Sink (Option)


Similar Part No. - THL10-4813WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THL10-4813 TRACOPOWER-THL10-4813 Datasheet
920Kb / 4P
   DC/DC Converter THL 10 Series, 10 Watt
Rev. Januaryy 11, 2023
More results

Similar Description - THL10-4813WI

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com