Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376386-4 Datasheet(PDF) 56 Page - Tyco Electronics

Part # 3-1376386-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376386-4 Datasheet(HTML) 56 Page - Tyco Electronics

Back Button 3-1376386-4 Datasheet HTML 52Page - Tyco Electronics 3-1376386-4 Datasheet HTML 53Page - Tyco Electronics 3-1376386-4 Datasheet HTML 54Page - Tyco Electronics 3-1376386-4 Datasheet HTML 55Page - Tyco Electronics 3-1376386-4 Datasheet HTML 56Page - Tyco Electronics 3-1376386-4 Datasheet HTML 57Page - Tyco Electronics 3-1376386-4 Datasheet HTML 58Page - Tyco Electronics 3-1376386-4 Datasheet HTML 59Page - Tyco Electronics 3-1376386-4 Datasheet HTML 60Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
190
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK II Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Performance
Characteristics (Continued)
Maximum Current—Maximum cur-
rent rating of Universal MATE-N-LOK II
connectors is limited by the maximum
operating temperature of the housings
which is 120°C including the tempera-
ture rise of the contacts which is a maxi-
mum of 30°C. There are several
variables which have a direct effect on
this maximum current-carrying capabil-
ity for a given connector and must be
considered for each application. These
variables are:
Wire Size—Larger diameter wire will
carry more current since it has less
internal resistance to current flow and
thus generates less heat. Longer wire
lengths also enhance current carrying
capabilities since the wire conducts heat
away from the connector.
Connector Size—In general, the more
circuits in a connector, the less current
can be carried.
Ambient Temperature—The higher
the ambient temperature, the less current
can be carried in any given connector.
Universal MATE-N-LOK II connectors
also will withstand the following tests:
Vibration—10-55-10 cycles per
minute at .06 inch total excursion
Physical Shock—18 drops,
50 g sawtooth at 10 milliseconds
Housing Panel Retention—75 lb. min.
Housing Lock Strength—35 lb. min.
Thermal Shock— -55°C to +85°C
Temperature-Humidity Cycling—
25°C to 65°C at 95 RH
Corrosion—48 hr. at 5% salt
concentration
Related Product Data
Product Specification
108-1090 Universal MATE-N-LOK II
Connectors
Termination
Contact
Resistance
Crimp
Wire Size
Test
Resistance
Tensile Force
AWG
mm2
Current
Milliohms
Force (Min.)
(Amps)
(Max. Init.)
lbs.
N
30
.05
——
1.5
7
28
.08
——
3
13
26
.12
——
5
22
24
.2
1.5
3.50
7
31
22
.3
3
3.50
12
53
20
.5
4.5
3.00
17
66
18
.8
6
3.00
30
133
16
1.2
8
2.75
45
200
14
2.0
10
2.75
50
222
12
3.0
——
60
267
10
5.0
——
70
311
Note: This is the total resistance between wire crimps of a mated pin and
socket.
Current Rating Verification for 30°C Maximum Temperature Rise 100% Energized
Wire-to-Wire
Minimum Wire Lengths for T-Rise vs. Current Testing
AWG
Min. Length (in.)
AWG
Min. Length (in.)
30
2.6
18
9.4
28
3.2
16
11.3
26
4.1
14
13.7
24
5.1
12
16.4
20
7.8
10
19.3
Note: If wire lengths used are less than those listed above, the current carry-
ing ability of the system will be reduced due to less heat being conducted
away from the connector. The customer should fully test all applications.
Calculated Current Table
Number of
Wire Gauge
Circuits
10
12
14
16
18
20
22
24
26
30
2
19.00
18.00
17.00
14.50
13.00
10.00
8.00
6.50
5.50
3.50
3
17.50
16.50
15.50
13.00
12.00
9.00
7.50
6.00
5.00
3.00
4
16.50
15.50
15.00
12.50
11.00
8.50
7.00
5.50
4.50
3.00
5
16.00
15.00
14.00
12.00
10.50
8.00
6.50
5.50
4.50
3.00
6 Matrix
15.00
14.00
13.00
11.00
9.50
7.50
6.00
5.00
4.00
2.50
8
14.50
14.00
13.00
10.50
9.50
7.50
6.00
5.00
4.00
2.50
9
13.50
12.50
11.50
9.50
8.50
6.50
5.50
4.50
3.50
2.00
10
14.00
13.00
12.50
10.00
9.00
7.00
5.50
4.50
3.50
2.50
12
12.50
12.00
11.00
9.00
8.00
6.00
5.00
4.00
3.00
2.00
15
12.00
11.50
10.00
8.50
7.50
6.00
4.50
4.00
3.00
2.00
Values are based on initial Temperature Rise versus Current Testing and are intended to be a guide in the selection
of a connector family. All applications should be tested by the end user. The values listed are per circuit for fully
loaded housings being 100% energized. Note: All combinations were not tested, and this chart contains interpolated
and extrapolated values.
Wire-to-Board
Due to the vast differences in trace geometry and printed circuit board configurations, we are unable to provide a
separate current carrying chart for our printed circuit board header products. However, the above Wire-to-Wire charts
may be used as a guideline for headers if the trace width and thickness is equal to the listed wire gauge. For vertical
headers, only 95% of the Wire-to-Wire value should be used. For right-angle headers, only 75% of the Wire-to-Wire
value should be used. The chart values are only a tool for connector selection and will require the customer to fully
test their application.
Termination Resistance/Contact Crimp Tensile Force


Similar Part No. - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com