Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376385-4 Datasheet(PDF) 12 Page - Tyco Electronics

Part # 3-1376385-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376385-4 Datasheet(HTML) 12 Page - Tyco Electronics

Back Button 3-1376385-4 Datasheet HTML 8Page - Tyco Electronics 3-1376385-4 Datasheet HTML 9Page - Tyco Electronics 3-1376385-4 Datasheet HTML 10Page - Tyco Electronics 3-1376385-4 Datasheet HTML 11Page - Tyco Electronics 3-1376385-4 Datasheet HTML 12Page - Tyco Electronics 3-1376385-4 Datasheet HTML 13Page - Tyco Electronics 3-1376385-4 Datasheet HTML 14Page - Tyco Electronics 3-1376385-4 Datasheet HTML 15Page - Tyco Electronics 3-1376385-4 Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 98 page
background image
146
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
.093 [2.36] Commercial Pin and Socket Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Housings
Free-Hanging or Panel Mount
.198 [5.03] Centerline spacing
Material
Housing —Nylon, natural color
Flammability Rating—
UL94-V-2
Related Product Data
Contacts —page 145
Product Specification —108-1038
Receptacle
Plug
Receptacle
Plug
2, 3, and 4 Circuit, In-Line
Receptacle Part Numbers
Plug Part Numbers
No. of
A Dimension
Panel Mount
Free-Hanging
Circuits
Receptacle
Plug
Without
With
Without
With
Panel
Free-
Detents
Detents
Detents
Detents
Mount
Hanging
1—
770063-1
770064-1
.540
.640
770065-11,5
2
13.72
16.26
770066-11,5
7702661,3,5
770068-11
770069-11
.670
.770
770070-1
3
17.02
19.56
770071-1
770264-13
770073-1
770074-1
4
.870
.970
(In-Line)
22.10
24.64
770076-1
770075-1
770077-1
770078-1
4
.443
.540
(Matrix)
11.25
13.71
——
770843-1
770842-1
1.070
1.170
770083-1
5
27.18
29.72
——
794015-13
770084-1
6
1.268
1.378
(In-Line)
32.21
35.00
——
770782-14
770892-14
6
.435
.535
(Matrix)
11.05
13.59
770085-1
770087-1
770088-1
770086-1
770089-1
770090-1
.670
.770
770092-1
770095-12
9
17.02
19.56
770091-1
770093-1
770094-1
770108-1
770096-1
.870
.970
12
22.10
24.64
770097-1
770099-1
770100-1
770098-1
770101-1
770102-1
1.070
1.170
15
27.18
29.72
770103-1
770105-1
770106-1
770107-1
1
.248 [6.30] centerline.
2
Mounting ears at wire end.
3
Tool removable.
4
Positive lock.
5
600 V AC or DC
Note: All part numbers are RoHS Compliant.
.970
[24.64]
.245
[6.22]
.360
[9.14]
198
5.03]
Typ.
1.095
[27.81]
.340
[8.64]
A
Panel-Mount Flange
.198
[5.03]
Typ.
A
1.125
[28.58]
.240
[6.10]
.240
[6.10]
1.000
[25.40]
1 Circuit


Similar Part No. - 3-1376385-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376385-4 MACOM-3-1376385-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376385-4 MACOM-3-1376385-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376385-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com