Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376390-4 Datasheet(PDF) 51 Page - Tyco Electronics

Part # 3-1376390-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376390-4 Datasheet(HTML) 51 Page - Tyco Electronics

Back Button 3-1376390-4 Datasheet HTML 47Page - Tyco Electronics 3-1376390-4 Datasheet HTML 48Page - Tyco Electronics 3-1376390-4 Datasheet HTML 49Page - Tyco Electronics 3-1376390-4 Datasheet HTML 50Page - Tyco Electronics 3-1376390-4 Datasheet HTML 51Page - Tyco Electronics 3-1376390-4 Datasheet HTML 52Page - Tyco Electronics 3-1376390-4 Datasheet HTML 53Page - Tyco Electronics 3-1376390-4 Datasheet HTML 54Page - Tyco Electronics 3-1376390-4 Datasheet HTML 55Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 98 page
background image
185
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
PC Board Right-Angle
Pin and Socket Headers
.250 [6.35] Centerline spacing
Material
Housing — Nylon
Contacts — Phosphor bronze
Solder tail width .052 [1.32]
Related Product Data
Product Specification
108-1053 Universal MATE-N-LOK
PC Board Headers
Performance Characteristics—
pages 169-170
Technical Documents— pages 169
and 205-206
Mating Connectors
Universal MATE-N-LOK
Plug Housings — page 174
Universal MATE-N-LOK II
Plug Housings — pages 193-194
Test Connectors
(with spring loaded
contacts)
Material
Housing — Nylon
Flammability Rating — UL94V-0
Related Product Data
Mating Connectors — Housings and
headers having the same number of
circuits. The housings can have pin or
socket contacts, or a combination
of both.
Mating Housings — page 174
Mating Headers — pages 182-185
Other Mating Connectors
Universal MATE-N-LOK II Housings—
pages 193-194
Notes:
1. Test probes have 5 amp maxi-
mum current rating. 1,000,000
cycles.
2. Test Connector housings are of
the same configuration as stan-
dard housings. Refer to page 23
for dimensional specifications.
Number of
Part Numbers
Circuits
Plug
Cap
2
350848-2
350849-2
3
350848-3
350849-3
4
350848-4
350849-4
5
350848-5
350849-5
6
350848-6
350849-6
9
350848-9
350849-9
12
1-350848-2
1-350849-2
15
1-350848-5
1-350849-5
2, 3, 4 and 5 Circuit,
In-Line
6, 9, 12 and 15 Circuit,
Matrix
.680
[17.27]
.360
[9.14]
.250
[6.35]
.160
[4.06]
Plug
Plug
Cap
Cap
.084 [2.13] Dia. Pin
Mates with
Universal
MATE-N-LOK
Sockets
Recommended PC Board Hole Layout
.062 [1.57] Board Thickness
.060
[1.52]
.150
[3.81]
2 Places
.505
[12.83]
.290
[7.37]
.250
[6.35]
Typ.
.100
[2.54]
No. 1 Circuit
Dia.
Dia. Typ.
Typ.
2, 3, 4, 5, 6 and 8 Circuit, In-line
Use 6-32 UNC Pan Head Screw
3/8 [9.53] long for mounting
(Not Supplied)
Right-Angle Header Part Numbers
No. of
Dimensions
Contact
UL94V-2
UL94V-0
Circuits
AB
C
Finish
Mates with
Pin
Socket
Mates
Pin
Socket
Universal
Universal
with
MATE-N-LOK MATE-N-LOK II
.550
1.245
.830
Pre-tin
——
1-350942-0
643226-1
2
770994-12
350777-1
770017-1
13.97
31.62
21.08
Duplex1
——
3-350942-0
3
.800
1.495
1.080
Pre-tin
——
1-350943-0
643228-1
350766-1
770018-1
20.32
37.97
27.43 Duplex1
3-350943-0 3-643228-0
4
1.050
1.745
1.330
Pre-tin
1-350948-0
1-480702-0
1-350944-0
643230-1
350779-1
770019-1
26.67
44.32
33.78 Duplex1
——
3-350944-0 3-643230-0
5
1.300
1.995
1.580
Pre-tin
1-350949-0
1-480763-0
1-350945-0
643232-1
350809-1
770016-1
33.02
50.67
40.13 Duplex1
——
3-350945-0 3-643232-0
6
1.550
2.245
1.830
Pre-tin
640587-1
643235-1
640585-1
640583-1
643234-1
640581-1
39.37
57.02
46.48 Duplex1
640583-3 3-643234-0
8
2.050
2.745
2.330
Pre-tin
643237-1
640586-1
640584-1
643236-1
640582-1
52.07
69.72
59.18 Duplex1
640584-3 3-643236-0
1
Duplex Finish — Plated with .000030 [.000762] min. gold in mating area, matte tin on solder tail end over .000050
[.00127] min. nickel underplate on entire contact.
2
Black in color.
Note: All part numbers are RoHS Compliant.
Note: Header Housings on pages
182-185 are available in colors
listed on page 188. Call Technical
Support for exact Part Numbers.


Similar Part No. - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com