Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376390-4 Datasheet(PDF) 93 Page - Tyco Electronics

Part # 3-1376390-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376390-4 Datasheet(HTML) 93 Page - Tyco Electronics

Back Button 3-1376390-4 Datasheet HTML 89Page - Tyco Electronics 3-1376390-4 Datasheet HTML 90Page - Tyco Electronics 3-1376390-4 Datasheet HTML 91Page - Tyco Electronics 3-1376390-4 Datasheet HTML 92Page - Tyco Electronics 3-1376390-4 Datasheet HTML 93Page - Tyco Electronics 3-1376390-4 Datasheet HTML 94Page - Tyco Electronics 3-1376390-4 Datasheet HTML 95Page - Tyco Electronics 3-1376390-4 Datasheet HTML 96Page - Tyco Electronics 3-1376390-4 Datasheet HTML 97Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 98 page
background image
58074
163, 206
58373
166, 210
58374
166, 210
58380
172, 192, 210
58382
192, 201, 206
58439
172, 192, 210
58514
210
58631
203, 210
58632
203, 210
65780
209-210
69710
166, 172, 192, 210
82276
210
90247
166
90546
210
90547
210
90548
210
90574
210
90575
210
90714
126,210
90717
86, 100,210
90758
210
90759
210
90760
210
90869
55, 210
90870
55, 210
90871
145,210
90872
145, 210
91002
55, 86, 145, 172,
181, 192, 203, 206
91085
163, 206
91112
163, 206
91387
120, 210
91388
120, 210
91500
172-173, 181,
192, 210
91501
22, 209-210
Part No.
Page
91502
22, 209-210
91504
155, 210
91506
172-173, 192,210
91508
172-173, 192,210
91510
172-173, 192,210
91512
155-156, 210
91515
155, 210
91522
86, 96, 100, 210
91526
112, 210
91528
155
91529
86, 96, 100, 210
91534
112, 210
91536
86
91552
210
91567
61, 210
91569
61, 210
91594
100, 210
188688
126
189727
86, 206
231894
163, 206
231920
163, 206
234603
12, 210
234604
12, 210
234605
12
234912
61
234914
61
305183
155, 206
318831
55, 206
318837
145, 206
318845
166, 206
318851
172, 181, 192,
201, 206
354500
207
356114
201
356337
201
356500
208
Part No.
Page
455822
112, 206
455830
112, 155, 206
457306
116
465644
155, 206
466320
155-156, 172-173,
212-213
466351
112, 211
466352
112, 211
466426
155, 212
466462
203, 213
466588
172, 213
466597
172-173, 213
466616
172, 212
466656
145, 212
466686
55, 211
466878
145, 212
466913
211
466917
212-213
466920
212-213
466922
212
466955
211
466959
212
466986
211
466989
213
466990
211
567066
86, 96, 100, 211
567067
86, 96, 211
567211
192, 213
567212
192, 213
567213
192, 213
567214
192, 213
567216
173, 213
567251
211
567252
192, 213
567273
145, 212
567306
166, 212
Part No.
Page
567309
166, 212
567337
145, 212
567418
86, 100, 211
567902
211
567913
213
567914
213
567959
126-127, 212
567960
126-127, 212
587309
212
680307
126-127, 212
680308
126-127, 212
680350
126, 212
680582
86, 100, 211
680854
100, 211
680893
22, 211
680894
22, 211
687763
155, 172-173,
181, 212-213
687765
155, 212
687898
172-173, 213
687926
55, 211
687996
203, 206
691458
181
794381
22
843996
207
854040
22, 211
1385194
22, 211
1385377
120, 212
1385448
120, 212
1385817
120
1586343
22
1586344
172, 206
1586700
50, 210
1596277
Part No.
Page
227
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Tooling Part Number Index
AMP
Soft Shell
Pin and Socket Connectors


Similar Part No. - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376390-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com