Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA4558YF-ME2 Datasheet(PDF) 11 Page - Rohm

Part # BA4558YF-ME2
Description  Automotive Low Noise Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558YF-ME2 Datasheet(HTML) 11 Page - Rohm

Back Button BA4558YF-ME2 Datasheet HTML 7Page - Rohm BA4558YF-ME2 Datasheet HTML 8Page - Rohm BA4558YF-ME2 Datasheet HTML 9Page - Rohm BA4558YF-ME2 Datasheet HTML 10Page - Rohm BA4558YF-ME2 Datasheet HTML 11Page - Rohm BA4558YF-ME2 Datasheet HTML 12Page - Rohm BA4558YF-ME2 Datasheet HTML 13Page - Rohm BA4558YF-ME2 Datasheet HTML 14Page - Rohm BA4558YF-ME2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Datasheet
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RAR1G200630-1-2
TSZ22111・15・001
11/17
20.Feb.2013 Rev.001
BA4558Yxxx-M
○BA4558Yxxx-M
(*) The above data is measurement value of typical sample, it is not guaranteed.
Figure 22.
Maximum Output Voltage Swing – Frequency
(VCC/VEE=+15V/-15V, RL=2k
Ω, Ta=25℃)
0
5
10
15
20
25
30
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
FREQUENCY [Hz]
10
10
2
10
3
10
4
10
5
10
6
0
10
20
30
40
50
60
1.E+
00
1.E+
01
1.E+
02
1.E+
03
1.E+
04
1.E+
05
1.E+
06
1.E+
07
1.E+
08
FREQUENCY [Hz]
-180
-150
-120
-90
-60
-30
0
GAIN
PHASE
1
10
10
2
10
3
10
4
10
5
10
6
10
7
10
8
Figure 23.
Voltage Gain, Phase - Frequency
(VCC/VEE=+15V/-15V, Av=40dB, RL=2k
Ω, Ta=25℃)


Similar Part No. - BA4558YF-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4558YF-ME2 ROHM-BA4558YF-ME2 Datasheet
480Kb / 20P
   Automotive Low Noise Operational Amplifiers
More results

Similar Description - BA4558YF-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4558YFV-M ROHM-BA4558YFV-M Datasheet
480Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA4584YFV-M ROHM-BA4584YFV-M Datasheet
911Kb / 30P
   Automotive Low Noise Operational Amplifiers
BA4580YFM ROHM-BA4580YFM Datasheet
814Kb / 30P
   Automotive Low Noise Operational Amplifiers
BA4560YF-M ROHM-BA4560YF-M Datasheet
491Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com