Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3404F-E2 Datasheet(PDF) 1 Page - Rohm

Part # BA3404F-E2
Description  Ground Sense Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3404F-E2 Datasheet(HTML) 1 Page - Rohm

  BA3404F-E2 Datasheet HTML 1Page - Rohm BA3404F-E2 Datasheet HTML 2Page - Rohm BA3404F-E2 Datasheet HTML 3Page - Rohm BA3404F-E2 Datasheet HTML 4Page - Rohm BA3404F-E2 Datasheet HTML 5Page - Rohm BA3404F-E2 Datasheet HTML 6Page - Rohm BA3404F-E2 Datasheet HTML 7Page - Rohm BA3404F-E2 Datasheet HTML 8Page - Rohm BA3404F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.rohm.com
TSZ02201-0RAR1G200140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
1/19
26.OCT.2012 Rev.001
TSZ22111・14・001
Datasheet
Operational Amplifiers Series
Ground Sense
Operational Amplifiers
BA3404xxx
●General Description
BA3404 is a dual operational amplifier with input and
output ground sense. Especially, BA3404 have wide
operating voltage range +4V to +36V (single supply).
BA3404 have a good performance of slew rate and
cross over distortion compare with BA2904.
●Features
 Operable with a single power supply
 Wide operating supply voltage
 Input and output are operable GND sense
 Low supply current
 High open loop voltage gain
 Internal ESD protection circuit
●Packages
W(Typ.)xD(Typ.) xH(Max.)
SOP8
5.00mm x 6.20mm x 1.71mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
MSOP8
2.90mm x 4.00mm x 0.90mm
●Key Specification
Wide Operating Supply Voltage
(single supply): +4.0V to +36.0V
(split supply): ±2.0V to ±18.0V
Slew Rate:
1.2V/µs(Typ.)
Wide Temperature Range:
-40°C to +85°C
Input Offset Current:
5nA (Typ.)
Input Offset Voltage:
5mV (Max.)
●Application
 Current sense application
 Buffer application amplifier
 Active filter
 Consumer electronics
●Block Diagrams
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
Figure 1. Simplified schematic
OUT
VCC
VEE
-IN
+IN


Similar Part No. - BA3404F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3404F ROHM-BA3404F	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404F ROHM-BA3404F Datasheet
121Kb / 3P
   Monolithic IGs
BA3404F ROHM-BA3404F Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404F ROHM-BA3404F Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA3404F ROHM-BA3404F Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA3404F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com