Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4078A Datasheet(PDF) 2 Page - Compensated Deuices Incorporated

Part # 1N4078A
Description  12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES 5%
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

1N4078A Datasheet(HTML) 2 Page - Compensated Deuices Incorporated

  1N4078A Datasheet HTML 1Page - Compensated Deuices Incorporated 1N4078A Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MAXIMUM RATINGS
Operating Temperature: -65°C to +150°C
Storage Temperature: -65°C to +150°C
DC Power Dissipation:
Case 8 1.5 Watts @ +25°C
Case 9 2.0 Watts @ +25°C
Case 10 2.5 Watts @ +25°C
Power Derating:
Case 8 12 mW / °C above +25°C
Case 9 16 mW / °C above +25°C
Case 10 20 mW / °C above +25°C
3.0
2.5
2.0
1.5
1.0
0.5
0
3.0
2.5
2.0
1.5
1.0
0.5
0
3.0
2.5
2.0
1.5
1.0
0.5
0
TL, Lead temperature (C°) \
3/8” from body
CASE 9
TL, Lead temperature (C°)
3/8” from body
CASE 8
TL, Lead temperature (C°)
3/8” from body
CASE 10
0
25 50 75 100 125 150 175 200
0
25 50 75 100 125 150 175 200
0
25 50 75 100 125 150 175 200
FIGURE 2
POWER DERATING CURVE
NOTE 1
Zener voltage range equals nominal Zener voltage + 5%.
NOTE 2
Zener impedance is derived by superimposing on l
ZT
A 60Hz rms a.c. current
equal to 10% of l
ZT
.
NOTE 3
The “maximum millivolt change” (see Table) is the maximum allowable change
observed over the entire temperature range, per JEDEC standard No.5.
1N4057 thru 1N4085A


Similar Part No. - 1N4078A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4078A MICROSEMI-1N4078A Datasheet
78Kb / 2P
   HIGH VOLTAGE TEMPERATURE COMPENSATED ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4078A NJSEMI-1N4078A Datasheet
378Kb / 1P
   HIGH VOLTAGE DIODES
More results

Similar Description - 1N4078A

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4765 CDI-DIODE-CDLL4765 Datasheet
111Kb / 2P
   9.1 VOLT NOMINAL ZENER VOLTAGE 5%
CD935 CDI-DIODE-CD935 Datasheet
167Kb / 2P
   9.0 VOLT NOMINAL ZENER VOLTAGE 5%
1N4916 CDI-DIODE-1N4916 Datasheet
77Kb / 2P
   19.2 VOLT NOMINAL ZENER VOLTAGE 5%
1N4775 CDI-DIODE-1N4775 Datasheet
71Kb / 2P
   8.5 VOLT NOMINAL ZENER VOLTAGE 5%
1N4565A CDI-DIODE-1N4565A Datasheet
243Kb / 2P
   6.4 VOLT NOMINAL ZENER VOLTAGE 5%
CD3154 CDI-DIODE-CD3154 Datasheet
106Kb / 2P
   8.4 VOLT NOMINAL ZENER VOLTAGE 5%
1N4765 CDI-DIODE-1N4765 Datasheet
112Kb / 2P
   9.1 VOLT NOMINAL ZENER VOLTAGE 5%
logo
New Jersey Semi-Conduct...
1N4896A NJSEMI-1N4896A Datasheet
84Kb / 1P
   12.8 VOLT NOMINAL ZENER VOLTAGE 짹 5%
logo
Compensated Deuices Inc...
1N935 CDI-DIODE-1N935 Datasheet
107Kb / 2P
   9.0 VOLT NOMINAL ZENER VOLTAGE
1N941 CDI-DIODE-1N941 Datasheet
112Kb / 2P
   11.7 VOLT NOMINAL ZENER VOLTAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com