Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4371A Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # 1N4371A
Description  DOUBLE PLUG CONSTRUCTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

1N4371A Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  1N4371A Datasheet HTML 1Page - Compensated Deuices Incorporated 1N4371A Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500 mW @ +50°C
Power Derating: 4 mW / °C above +50°C
Forward Voltage @ 200mA: 1.1 volts maximum
• 1N746A-1 THRU 1N759-1 AVAILABLE IN
JAN, JANTX AND JANTXV
PER MIL-PRF-19500/127
• 1N4370A-1 THRU 1N4372A-1 AVAILABLE IN
JAN, JANTX AND JANTXV
PER MIL-PRF-19500/127
• DOUBLE PLUG CONSTRUCTION
• METALLURGICALLY BONDED
1N746 thru 1N759A
and
1N746A-1 thru 1N759A-1
and
1N4370 thru 1N4372A
and
1N4370A-1 thru 1N4372A-1
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass
case. DO – 35 outline.
LEAD MATERIAL: Copper clad steel.
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
250 ˚C/W maximum at L = .375 inch
THERMAL IMPEDANCE: (ZOJX): 35
˚C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: Any.
ELECTRICAL CHARACTERISTICS @ 25°C
JEDEC
NOMINAL
ZENER
MAXIMUM
MAXIMUM
MAXIMUM
TYPE
ZENER
TEST
ZENER
REVERSE CURRENT
ZENER
NUMBER
VOLTAGE
CURRENT
IMPEDANCE
I R @ V R
CURRENT
VZ @ 1ZT
1ZT
(NOTE 3)
1
ZM
(NOTE 1)
(NOTE 2)
ZZT@ 1ZT
VOLTS
mA
OHMS
µ A
VOLTS
mA
1N4370A
2.4
20
30
100
1.0
155
1N4371A
2.7
20
30
60
1.0
140
1N4372A
3.0
20
29
30
1.0
125
1N746A
3.3
20
28
5
1.0
120
1N747A
3.6
20
24
3
1.0
110
1N748A
3.9
20
23
2
1.0
100
1N749A
4.3
20
22
2
1.0
90
1N750A
4.7
20
19
5
1.5
85
1N751A
5.1
20
17
5
2.0
75
1N752A
5.6
20
11
5
2.5
70
1N753A
6.2
20
7
5
3.5
65
1N754A
6.8
20
5
2
4.0
60
1N755A
7.5
20
6
2
5.0
55
1N756A
8.2
20
8
1
6.0
50
1N757A
9.1
20
10
1
7.0
45
1N758A
10.0
20
17
1
8.0
40
1N759A
12.0
20
30
1
9.0
35
NOTE 1
Zener voltage tolerance on "A" suffix is +5%. No Suffix denotes + 10% tolerance,
"C" suffix denotes + 2% tollerance and "D" suffix denotes + 1% tolerance.
NOTE 2
Zener voltage is measured with the device junction in thermal equilibrium at an ambient
temperature of 25°C + 3°C.
NOTE 3
Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal
to 10% of 1ZT


Similar Part No. - 1N4371A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N4371A LRC-1N4371A Datasheet
36Kb / 1P
   1N43 1N7 SERIES ZENER DIODES
logo
Microsemi Corporation
1N4371A MICROSEMI-1N4371A Datasheet
222Kb / 3P
   SILICON 400 mW ZENER DIODES
logo
Fairchild Semiconductor
1N4371A FAIRCHILD-1N4371A Datasheet
44Kb / 4P
   Zeners
logo
Microsemi Corporation
1N4371A MICROSEMI-1N4371A Datasheet
36Kb / 2P
   DOUBLE PLUG CONSTRUCTION
logo
Tak Cheong Electronics ...
1N4371A TAK_CHEONG-1N4371A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - 1N4371A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JANTX1N4454-1 ETC2-JANTX1N4454-1 Datasheet
48Kb / 2P
   DOUBLE PLUG CONSTRUCTION
logo
Microsemi Corporation
1N746 MICROSEMI-1N746_1 Datasheet
36Kb / 2P
   DOUBLE PLUG CONSTRUCTION
1N957 MICROSEMI-1N957 Datasheet
135Kb / 2P
   METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION
logo
Pasternack Enterprises,...
PE33449 PASTERNACK-PE33449 Datasheet
118Kb / 1P
   CABLE ASSEMBLY RG223/U DOUBLE BANANA PLUG TO DOUBLE BANANA PLUG
PE3005-24 PASTERNACK-PE3005-24 Datasheet
118Kb / 1P
   cable assembly, rg58c/u, double banana plug to double banana plug
PE3005-60 PASTERNACK-PE3005-60 Datasheet
118Kb / 1P
   cable assembly, rg58c/u, double banana plug to double banana plug
PE3013-24 PASTERNACK-PE3013-24 Datasheet
136Kb / 1P
   cable assembly, rg58c/u, double banana plug to double banana plug
logo
Pomona Electronics
1823 POMONA-1823 Datasheet
22Kb / 1P
   Double Banana Plug Splice
logo
Pasternack Enterprises,...
PE34595 PASTERNACK-PE34595 Datasheet
117Kb / 1P
   CABLE ASSEMBLY RG174A/U DOUBLE BANANA PLUG TO DOUBLE BANANA PLUG
PE3005-36 PASTERNACK-PE3005-36 Datasheet
118Kb / 1P
   cable assembly, rg58c/u, double banana plug to double banana plug
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com