Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA8391G-TR Datasheet(PDF) 4 Page - Rohm

Part # BA8391G-TR
Description  Ground Sense Comparator
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8391G-TR Datasheet(HTML) 4 Page - Rohm

  BA8391G-TR Datasheet HTML 1Page - Rohm BA8391G-TR Datasheet HTML 2Page - Rohm BA8391G-TR Datasheet HTML 3Page - Rohm BA8391G-TR Datasheet HTML 4Page - Rohm BA8391G-TR Datasheet HTML 5Page - Rohm BA8391G-TR Datasheet HTML 6Page - Rohm BA8391G-TR Datasheet HTML 7Page - Rohm BA8391G-TR Datasheet HTML 8Page - Rohm BA8391G-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200200-1-2
©2013 ROHM Co., Ltd. All rights reserved.
4/53
11.Dec.2013 Rev.003
TSZ22111 • 15 • 001
BA8391G
BA10393F
BA10339xx
BA2903xxx
BA2903Sxxx
BA2903Wxx
BA2901xx
BA2901Sxx
Line-up
Topr
Input Offset
Voltage
(Max)
Supply
Current
(Typ)
Package
Orderable
Part Number
-40°C to +85°C
7mV
0.3mA
SSOP5
Reel of 3000
BA8391G-TR
5mV
0.4mA
SOP8
Reel of 2500
BA10393F-E2
0.8mA
SOP14
Reel of 2500
BA10339F-E2
SSOP-B14
Reel of 2500
BA10339FV-E2
-40°C to +105°C
7mV
0.6mA
SOP8
Reel of 2500
BA2903SF-E2
SSOP-B8
Reel of 2500
BA2903SFV-E2
MSOP8
Reel of 3000
BA2903SFVM-TR
0.8mA
SOP14
Reel of 2500
BA2901SF-E2
SSOP-B14
Reel of 2500
BA2901SFV-E2
-40°C to +125°C
0.6mA
SOP8
Reel of 2500
BA2903F-E2
SSOP-B8
Reel of 2500
BA2903FV-E2
MSOP8
Reel of 3000
BA2903FVM-TR
2mV
SOP8
Reel of 2500
BA2903WF-E2
SSOP-B8
Reel of 2500
BA2903WFV-E2
7mV
0.8mA
SOP14
Reel of 2500
BA2901F-E2
SSOP-B14
Reel of 2500
BA2901FV-E2
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
BA8391G
Supply Voltage
VCC-VEE
+36
V
Power Dissipation
Pd
SSOP5
0.67
(Note1,2)
W
Differential Input Voltage
(Note 3)
VID
+36
V
Input Common-mode
Voltage Range
VICM
(VEE-0.3) to (VEE+36)
V
Input Current
(Note 4)
II
-10
mA
Operating Supply Voltage
VOPR
+2.0 to +36.0
(±1.0 to ±18.0)
V
Operating Temperature Range
TOPR
-40 to +85
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Maximum Junction Temperature
TJMAX
+150
°C
(Note 1) To use at temperature above Ta=25°C reduce 5.4mW.
(Note 2) Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
(Note 3) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
(Note 4) Excessive input current will flow if a differential input voltage in excess of approximately 0.6V is applied between the input unless some limiting
resistance is used.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.


Similar Part No. - BA8391G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA8391G-TR ROHM-BA8391G-TR Datasheet
2Mb / 57P
   Ground Sense Comparator
More results

Similar Description - BA8391G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA8391G ROHM-BA8391G Datasheet
2Mb / 57P
   Ground Sense Comparator
LM393F ROHM-LM393F Datasheet
1Mb / 23P
   Ground Sense Comparator
BA2901KN-E2 ROHM-BA2901KN-E2 Datasheet
958Kb / 56P
   Ground Sense Comparator
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com