Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA2107G Datasheet(PDF) 10 Page - Rohm

Part # BA2107G
Description  Low Noise Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2107G Datasheet(HTML) 10 Page - Rohm

Back Button BA2107G Datasheet HTML 6Page - Rohm BA2107G Datasheet HTML 7Page - Rohm BA2107G Datasheet HTML 8Page - Rohm BA2107G Datasheet HTML 9Page - Rohm BA2107G Datasheet HTML 10Page - Rohm BA2107G Datasheet HTML 11Page - Rohm BA2107G Datasheet HTML 12Page - Rohm BA2107G Datasheet HTML 13Page - Rohm BA2107G Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
10/26
31.OCT.2012 Rev.001
TSZ22111・15・00
BA2107G, BA2115xxx
○BA2107
(*)The above data is measurement value of typical sample, it is not guaranteed.
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
-6
-4
-2
0
2
4
6
-2.5
-1.5
-0.5
0.5
1.5
2.5
COMMON MODE INPUT VOLTAGE [V]
-40
-30
-20
-10
0
10
20
30
40
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
-40
-30
-20
-10
0
10
20
30
40
±1
±2
±3
±4
±5
±6
±7
±8
SUPPLY VOLTAGE [V]
Figure 14.
Input Offset Current - Supply Voltage
(Vicm=0V, Vout=0V)
Figure 15.
Input Offset Current - Ambient Temperature
(Vicm=0V, Vout=0V)
Figure 17.
Large Signal Voltage Gain
- Ambient Temperature
(VCC/VEE=+2.5V/-2.5V)
Figure 16.
Input Offset Voltage
- Common Mode Input Voltage
(VCC/VEE=+2.5V/-2.5V, Vout=0V)
-40℃
25℃
85℃
±1.0V
±2.5V
±7.0V
-40℃
25℃
85℃


Similar Part No. - BA2107G

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2107G ROHM-BA2107G Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA2107G-TR ROHM-BA2107G-TR Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
BA2107G-TR ROHM-BA2107G-TR Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
More results

Similar Description - BA2107G

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com