Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL1812A241K Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

Part # RL1812A241K
Description  Metal Oxide Varistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RL1812A241K Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  RL1812A241K Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RL1812A241K Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RL1812A241K Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RL1812A241K Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RL1812A241K Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Metal Oxide Varistors - RL1812A Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Electriacl Characteristics
Part Number
Working
Voltage
Breakdown
Voltage
Peak
Current
Clamping
Voltage
AC
DC
@ 1mA DC
8/20uS
8/20uS
VRMS
VDC
VB
Ip(MAX)
VC
A
RL1812A270K
17
22
24~30
800A
42
1~10
RL1812A300K
19
24
27~33
800A
47
1~10
RL1812A330K
20
26
29~36
800A
54
1~10
RL1812A370K
21
27
33~40.5
800A
60
1~10
RL1812A390K
24
30
35~42
800A
65
1~10
RL1812A470K
28
36
42~52.5
800A
77
1~10
RL1812A530K
30
42
47~58.5
800A
85
1~10
RL1812A560K
35
45
51~62
800A
90
1~10
RL1812A600K
36
47
53~66
800A
98
1~10
RL1812A680K
40
56
61~75
800A
110
1~10
RL1812A760K
45
60
68~84
800A
120
1~10
RL1812A820K
50
65
74~92
800A
135
1~10
RL1812A900K
52
68
80~100
800A
150
1~10
RL1812A101K
60
85
90~110
800A
165
2.5~10
RL1812A121K
75
100
108~132
800A
200
2.5~10
RL1812A151K
95
125
135~165
800A
250
2.5~10
RL1812A181K
115
150
162~198
800A
300
5~10
RL1812A201K
130
170
184~225
800A
340
5~10
RL1812A221K
140
180
198~242
800A
360
5~10
RL1812A241K
150
200
216~264
800A
395
5~10
RL1812A271K
175
225
243~297
800A
455
5~10


Similar Part No. - RL1812A241K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RL181S-102J-RC BOURNS-RL181S-102J-RC Datasheet
147Kb / 1P
   Radial Lead RF Choke
RL181S-103J-RC BOURNS-RL181S-103J-RC Datasheet
147Kb / 1P
   Radial Lead RF Choke
RL181S-104J-RC BOURNS-RL181S-104J-RC Datasheet
147Kb / 1P
   Radial Lead RF Choke
RL181S-122J-RC BOURNS-RL181S-122J-RC Datasheet
147Kb / 1P
   Radial Lead RF Choke
RL181S-123J-RC BOURNS-RL181S-123J-RC Datasheet
147Kb / 1P
   Radial Lead RF Choke
More results

Similar Description - RL1812A241K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com