Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD2541VPG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD2541VPG
Description  LD2541U/V Series - 0.25 inch dual Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD2541VPG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD2541VPG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD2541VPG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD2541VPG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121536
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.25 inch Four Digit 7 Segment LED Display
Internal Circuit Diagram
LD2541U (Common Cathode)
LD2541V (Common Anode)
Selection Guide
Four Digits 7 Segment LED Display, Digit Height: 6.20mm(0.25inch), External Dimensions:
36.00x11.00x5.10mm (Lx W x H)
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD2541UR
LD2541VR
GaAlAs
Super Red
640
8
10
8
10
LD2541UD
LD2541VD
GaAlAs
Hi-Red
640
18
25
18
25
LD2541UO
LD2541VO
GaAsP
Orange
625
7
9
7
9
LD2541UY
LD2541VY
GaAsP
Yellow
588
8
10
8
10
LD2541UG
LD2541VG
GaP
Green
568
7
9
7
9
LD2541UUR
LD2541VUR
AlGaInP
Ultra Red
640
30
45
30
45
LD2541UUO
LD2541VUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD2541UUA
LD2541VUA
AlGaInP
Ultra Amber
65
30
45
30
45
LD2541UUY
LD2541VUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD2541UUG
LD2541VUG
AlGaInP
Ultra Green
573
30
45
30
45
LD2541UPG
LD2541VPG
InGaN
Pure Green
525
120
300
120
300
LD2541UUB
LD2541VUB
InGaN
Ultra Blue
470
30
45
30
45
LD2541UUW
LD2541VUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD2541VPG

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
LD2500 WTE-LD2500 Datasheet
24Kb / 2P
   25A 10mm LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500 Datasheet
29Kb / 2P
   25A LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500 Datasheet
32Kb / 2P
   25A LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500_06 Datasheet
29Kb / 2P
   25A LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500_14 Datasheet
32Kb / 2P
   25A LUCAS TYPE PRESS-FIT DIODE
More results

Similar Description - LD2541VPG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD2531 LIGHTKEY-LD2531 Datasheet
178Kb / 3P
   LD2531A/B Series - 0.25 inch Three Digit 7 Segment LED Display
LD5621AB LIGHTKEY-LD5621AB Datasheet
166Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5624AB LIGHTKEY-LD5624AB Datasheet
167Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5621CD LIGHTKEY-LD5621CD Datasheet
167Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD8021AB LIGHTKEY-LD8021AB Datasheet
157Kb / 3P
   0.80 inch Dual Digit 7 Segment LED Display
LD8021CD LIGHTKEY-LD8021CD Datasheet
162Kb / 3P
   0.80 inch Dual Digit 7 Segment LED Display
LD3021AB LIGHTKEY-LD3021AB Datasheet
157Kb / 3P
   LD3021A/B Series - 0.30 inch dual Digit 7 Segment LED Display
LD3011CD LIGHTKEY-LD3011CD Datasheet
160Kb / 3P
   LD3011C/D Series - 0.30 inch dual Digit 7 Segment LED Display
LD10016EFRG LIGHTKEY-LD10016EFRG Datasheet
114Kb / 3P
   1.00 inch Single Digit 7 Segment Dual-color LED Display
LD15011ABRG LIGHTKEY-LD15011ABRG Datasheet
100Kb / 3P
   1.50 inch Single Digit 7 Segment Dual-color LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com