Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD3014BUW Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD3014BUW
Description  LD3014A/B Series - 0.30 inch Single Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD3014BUW Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD3014BUW Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD3014BUW Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD3014BUW Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121576
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.30 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD3014A (Common Cathode)
LD3014B (Common Anode)
1,6
10
985
4
2
3
B
7
A
CD
E
F
G
DP
B
A
10
C
98
E
D
5
4
G
F
2
1,6
DP
37
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 7.8mm(0.30inch), External Dimensions:
7.60x12.70x7.00mm (L x W x H)
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD3014AR
LD3014BR
GaAlAs
Super Red
640
8
10
8
10
LD3014AD
LD3014BD
GaAlAs
Hi-Red
640
18
25
18
25
LD3014AO
LD3014BO
GaAsP
Orange
625
7
9
7
9
LD3014AY
LD3014BY
GaAsP
Yellow
588
8
10
8
10
LD3014AG
LD3014BG
GaP
Green
568
7
9
7
9
LD3014AUR
LD3014BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD3014AUO
LD3014BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD3014AUA
LD3014BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD3014AUY
LD3014BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD3014AUG
LD3014BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD3014APG
LD3014BPG
InGaN
Pure Green
525
120
300
120
300
LD3014AUB
LD3014BUB
InGaN
Ultra Blue
470
30
45
30
45
LD3014AUW
LD3014BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD3014BUW

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD3011AB LIGHTKEY-LD3011AB Datasheet
153Kb / 3P
   LD3011A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD3011AD LIGHTKEY-LD3011AD Datasheet
153Kb / 3P
   LD3011A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD3011AG LIGHTKEY-LD3011AG Datasheet
153Kb / 3P
   LD3011A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD3011AO LIGHTKEY-LD3011AO Datasheet
153Kb / 3P
   LD3011A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD3011APG LIGHTKEY-LD3011APG Datasheet
153Kb / 3P
   LD3011A/B Series - 0.30 inch Single Digit 7 Segment LED Display
More results

Similar Description - LD3014BUW

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD3011AB LIGHTKEY-LD3011AB Datasheet
153Kb / 3P
   LD3011A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD3021AB LIGHTKEY-LD3021AB Datasheet
157Kb / 3P
   LD3021A/B Series - 0.30 inch dual Digit 7 Segment LED Display
LD3031AB LIGHTKEY-LD3031AB Datasheet
203Kb / 3P
   LD3031A/B Series - 0.30 inch Three Digit 7 Segment LED Display
LD3011CD LIGHTKEY-LD3011CD Datasheet
160Kb / 3P
   LD3011C/D Series - 0.30 inch dual Digit 7 Segment LED Display
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
   0.60 inch Single Digit 7 Segment LED Display
LD30012IJ LIGHTKEY-LD30012IJ Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com