Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD3021BUG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD3021BUG
Description  LD3021A/B Series - 0.30 inch dual Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD3021BUG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD3021BUG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD3021BUG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD3021BUG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121577
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.30 inch Dual Digit 7 Segment LED Display
Internal Circuit Diagram
LD3021A (Common Cathode)
LD3021B (Common Anode)
A
C
39
B
4
86 7
1 2
DIG.1
E
D
F
10
DP
G
A
5
E
C
B
D
F
DP
G
DIG.2
9
3
8
A B
D
C
67 41 2
DIG.1
DP
F
E
G
10
A B
DIG.2
D
C
F
E
5
DP
G
Selection Guide
Dual Digit 7 Segment LED Display, Digit Height: 7.62mm(0.30inch), External Dimensions:
15.50x15.00x7.20mm (L x W x H)
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD3021AR
LD3021BR
GaAlAs
Super Red
640
8
10
8
10
LD3021AD
LD3021BD
GaAlAs
Hi-Red
640
18
25
18
25
LD3021AO
LD3021BO
GaAsP
Orange
625
7
9
7
9
LD3021AY
LD3021BY
GaAsP
Yellow
588
8
10
8
10
LD3021AG
LD3021BG
GaP
Green
568
7
9
7
9
LD3021AUR
LD3021BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD3021AUO
LD3021BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD3021AUA
LD3021BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD3021AUY
LD3021BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD3021AUG
LD3021BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD3021APG
LD3021BPG
InGaN
Pure Green
525
120
300
120
300
LD3021AUB
LD3021BUB
InGaN
Ultra Blue
470
30
45
30
45
LD3021AUW
LD3021BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD3021BUG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD30011AB LIGHTKEY-LD30011AB Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011ABRG LIGHTKEY-LD30011ABRG Datasheet
108Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AD LIGHTKEY-LD30011AD Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AG LIGHTKEY-LD30011AG Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AO LIGHTKEY-LD30011AO Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
More results

Similar Description - LD3021BUG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD3014AB LIGHTKEY-LD3014AB Datasheet
152Kb / 3P
   LD3014A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD3011AB LIGHTKEY-LD3011AB Datasheet
153Kb / 3P
   LD3011A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD3031AB LIGHTKEY-LD3031AB Datasheet
203Kb / 3P
   LD3031A/B Series - 0.30 inch Three Digit 7 Segment LED Display
LD3011CD LIGHTKEY-LD3011CD Datasheet
160Kb / 3P
   LD3011C/D Series - 0.30 inch dual Digit 7 Segment LED Display
logo
LIGITEK electronics co....
LDD325-65-XX-PF LIGITEK-LDD325-65-XX-PF Datasheet
173Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 Inch)
LDD325-64-XX LIGITEK-LDD325-64-XX Datasheet
144Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 Inch)
logo
LightKey Optoelectronic...
LD5621AB LIGHTKEY-LD5621AB Datasheet
166Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5624AB LIGHTKEY-LD5624AB Datasheet
167Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5621CD LIGHTKEY-LD5621CD Datasheet
167Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
logo
LIGITEK electronics co....
LDD325-66-XX-PF LIGITEK-LDD325-66-XX-PF Datasheet
166Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 Inch)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com