Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C66PA-1.8TE13 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT93C66PA-1.8TE13
Description  1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C66PA-1.8TE13 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT93C66PA-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C66PA-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C66PA-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C66PA-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C66PA-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C66PA-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C66PA-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C66PA-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C66PA-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
93C46/56/57/66/86
Doc. No. 25056-00 2/98 M-1
DEVICE OPERATION
The CAT93C46/56(57)66/86 is a 1024/2048/4096/
16,384-bit nonvolatile memory intended for use with
industry standard microprocessors. The CAT93C46/56/
57/66/86 can be organized as either registers of 16 bits
or 8 bits. When organized as X16, seven 9-bit instruc-
tions for 93C46; seven 10-bit instructions for 93C57;
seven 11-bit instructions for 93C56 and 93C66; seven
13-bit instructions for 93C86; control the reading, writing
and erase operations of the device. When organized as
X8, seven 10-bit instructions for 93C46; seven 11-bit
instructions for 93C57; seven 12-bit instructions for
93C56 and 93C66: seven 14-bit instructions for 93C86;
control the reading, writing and erase operations of the
device. The CAT93C46/56/57/66/86 operates on a single
power supply and will generate on chip, the high voltage
required during any write operation.
Instructions, addresses, and write data are clocked into
the DI pin on the rising edge of the clock (SK). The DO
pin is normally in a high impedance state except when
reading data from the device, or when checking the
ready/busy status after a write operation.
The ready/busy status can be determined after the start
of a write operation by selecting the device (CS high) and
polling the DO pin; DO low indicates that the write
operation is not completed, while DO high indicates that
the device is ready for the next instruction. If necessary,
the DO pin may be placed back into a high impedance
state during chip select by shifting a dummy “1” into the
DI pin. The DO pin will enter the high impedance state on
the falling edge of the clock (SK). Placing the DO pin into
the high impedance state is recommended in applica-
tions where the DI pin and the DO pin are to be tied
together to form a common DI/O pin.
Figure 1. Sychronous Data Timing
93C46/56/57/66/86 F03
Figure 2a. Read Instruction Timing (93C46)
93C46/56/57/66/86 F04
SK
DI
CS
DO
tDIS
tPD0,tPD1
tCSMIN
tCSS
tDIS
tDIH
tSKHI
tCSH
VALID
VALID
DATA VALID
tSKLOW
SK
CS
DI
DO
tCS
STANDBY
tHZ
HIGH-Z
HIGH-Z
11
0
AN AN–1
A0
0
DN DN–1
D1
D0
tPD0


Similar Part No. - CAT93C66PA-1.8TE13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
More results

Similar Description - CAT93C66PA-1.8TE13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46 MICROCHIP-93AA46_04 Datasheet
357Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com