Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4695 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # 1N4695
Description  50 uA, LOW OPERATING CURRENT, ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

1N4695 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  1N4695 Datasheet HTML 1Page - Compensated Deuices Incorporated 1N4695 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
• 50
µA, LOW OPERATING CURRENT, ZENER DIODES
• DOUBLE PLUG CONSTRUCTION
• METALLURGICALLY BONDED
1N4678
thru
1N4717
CDI
NOMINAL
ZENER
MAXIMUM
MAXIMUM REVERSE
MAXIMUM
TYPE
ZENER
TEST
VOLTAGE
LEAKAGE
DC ZENER
NUMBER
VOLTAGE
CURRENT
REGULATION
CURRENT
CURRENT
VZ
lZT
∆VZ
lR @ VR
lZM
(Note 1)
(Note 2)
VOLTS
µ A
VOLTS
µ A
VOLTS
mA
1N4678
1.8
50
0.70
7.5
1.0
120.0
1N4679
2.0
50
0.70
5.0
1.0
110.0
1N4680
2.2
50
0.75
4.0
1.0
100.0
1N4681
2.4
50
0.80
2.0
1.0
95.0
1N4682
2.7
50
0.85
1.0
1.0
90.0
1N4683
3.0
50
0.90
0.8
1.0
85.0
1N4684
3.3
50
0.95
7.5
1.5
80.0
1N4685
3.6
50
0.95
7.5
2.0
75.0
1N4686
3.9
50
0.97
5.0
2.0
70.0
1N4687
4.3
50
0.99
4.0
2.0
65.0
1N4688
4.7
50
0.99
10.0
3.0
60.0
1N4689
5.1
50
0.97
10.0
3.0
55.0
1N4690
5.6
50
0.96
10.0
4.0
50.0
1N4691
6.2
50
0.95
10.0
5.0
45.0
1N4692
6.8
50
0.90
10.0
5.1
35.0
1N4693
7.5
50
0.75
10.0
5.7
31.8
1N4694
8.2
50
0.50
1.0
6.2
29.0
1N4695
8.7
50
0.10
1.0
6.6
27.4
1N4696
9.1
50
0.08
1.0
6.9
26.2
1N4697
10.0
50
0.10
1.0
7.6
24.8
1N4698
11.0
50
0.11
0.05
8.4
21.6
1N4699
12.0
50
0.12
0.05
9.1
20.4
1N4700
13.0
50
0.13
0.05
9.8
19.0
1N4701
14.0
50
0.14
0.05
10.6
17.5
1N4702
15.0
50
0.15
0.05
11.4
16.3
1N4703
16.0
50
0.16
0.05
12.1
15.4
1N4704
17.0
50
0.17
0.05
12.9
14.5
1N4705
18.0
50
0.18
0.05
13.6
13.2
1N4706
19.0
50
0.19
0.05
14.4
12.5
1N4707
20.0
50
0.20
0.01
15.2
11.9
1N4708
22.0
50
0.22
0.01
16.7
10.8
1N4709
24.0
50
0.24
0.01
18.2
9.9
1N4710
25.0
50
0.25
0.01
19.0
9.5
1N4711
27.0
50
0.27
0.01
20.4
8.8
1N4712
28.0
50
0.28
0.01
21.2
8.5
1N4713
30.0
50
0.30
0.01
22.8
7.9
1N4714
33.0
50
0.33
0.01
25.0
7.2
1N4715
36.0
50
0.36
0.01
27.3
6.6
1N4716
39.0
50
0.39
0.01
29.6
6.1
1N4717
43.0
50
0.43
0.01
32.6
5.5
NOTE 1
The JEDEC type numbers shown above have a standard tolerence of +5% of the
nominal Zener volume. VZ is measured with the diode in thermal equilibrium at
25°C + 3°C.
NOTE 2
Vz @ 100
µA minus Vz @ 10 µA.
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
Power Dissipation: 500mW @ +50°C
DC Power Derating: 4 mW / °C above +50°C
Forward Voltage: 1.1 Volts maximum @ 200 mA
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
DESIGN DATA
CASE: Hermetically sealed glass
case. DO – 35 outline.
LEAD MATERIAL: Copper clad steel.
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
250 ˚C/W maximum at L = .375 inch
THERMAL IMPEDANCE: (ZOJX): 35
˚C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: ANY.
FIGURE 1


Similar Part No. - 1N4695

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4695 VISHAY-1N4695 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Digitron Semiconductors
1N4695 DIGITRON-1N4695 Datasheet
120Kb / 2P
   SILICON 250mW ZENER DIODES
logo
General Semiconductor
1N4695 GE-1N4695 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Micro Commercial Compon...
1N4695 MCC-1N4695 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
Knox Semiconductor, Inc
1N4695 KNOX-1N4695 Datasheet
36Kb / 1P
   LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
More results

Similar Description - 1N4695

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4678 CDI-DIODE-CDLL4678 Datasheet
112Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4678 NJSEMI-1N4678 Datasheet
145Kb / 1P
   50 uA, LOW OPERATING CURRENT, ZENER DIODE
logo
Knox Semiconductor, Inc
1N4678 KNOX-1N4678 Datasheet
36Kb / 1P
   LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
logo
Compensated Deuices Inc...
1N4099 CDI-DIODE-1N4099 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Guangdong Youtai Semico...
SN74LVC1G14 UMW-SN74LVC1G14_V01 Datasheet
1Mb / 14P
   Low input current: 0.1 uA typical
logo
Compensated Deuices Inc...
1N4614 CDI-DIODE-1N4614 Datasheet
112Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Microsemi Corporation
1N2804B MICROSEMI-1N2804B_10 Datasheet
201Kb / 6P
   50 WATT ZENER DIODES
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
   50 Watt Zener Diodes
logo
Microsemi Corporation
1N2846B MICROSEMI-1N2846B Datasheet
236Kb / 4P
   50 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
1N2804 NJSEMI-1N2804 Datasheet
227Kb / 2P
   50 WATTS ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com