Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSD401YTU Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSD401YTU
Description  TV Vertical Deflection Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD401YTU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSD401YTU Datasheet HTML 1Page - Fairchild Semiconductor KSD401YTU Datasheet HTML 2Page - Fairchild Semiconductor KSD401YTU Datasheet HTML 3Page - Fairchild Semiconductor KSD401YTU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. B, February 2004
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
0
5
10
15
20
25
30
35
40
45
50
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I
B
= 1mA
I
B
= 2mA
I
B = 3mA
I
B = 4mA
I
B
= 5mA
I
B = 6mA
I
B
= 7mA
I
B
= 8mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
10
100
1000
V
CE = 10V
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
I
C
= 10 I
B
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
110
100
10
100
1000
V
CB[V], COLLECTOR-BASE VOLTAGE
10
100
0.1
1
10
*1ms
Thermal limitation
1. Tc=25℃
2. *single pulse
S/B limitation
S/B limitation
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
35
40
T
C[
o
C], CASE TEMPERATURE


Similar Part No. - KSD401YTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSD401Y FAIRCHILD-KSD401Y Datasheet
76Kb / 4P
   TV Vertical Deflection Output
More results

Similar Description - KSD401YTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2073 FAIRCHILD-KSC2073 Datasheet
56Kb / 4P
   TV Vertical Deflection Output
KSB546 FAIRCHILD-KSB546 Datasheet
59Kb / 4P
   TV Vertical Deflection Output
KSD401 FAIRCHILD-KSD401 Datasheet
59Kb / 4P
   TV Vertical Deflection Output
KSD401Y FAIRCHILD-KSD401Y Datasheet
76Kb / 4P
   TV Vertical Deflection Output
logo
TEMIC Semiconductors
TDA4173 TEMIC-TDA4173 Datasheet
71Kb / 6P
   TV Vertical Deflection Output Amplifier
TEA8172 TEMIC-TEA8172 Datasheet
63Kb / 4P
   TV Vertical Deflection Output Amplifier
logo
STMicroelectronics
TDA2270 STMICROELECTRONICS-TDA2270 Datasheet
134Kb / 7P
   TV VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Samsung semiconductor
KSB546 SAMSUNG-KSB546 Datasheet
267Kb / 8P
   PNP (TV VERTICAL DEFLECTION OUTPUT)
KSC2073 SAMSUNG-KSC2073 Datasheet
265Kb / 7P
   NPN (TV VERTICAL DEFLECTION OUTPUT)
logo
List of Unclassifed Man...
2SD402 ETC-2SD402 Datasheet
42Kb / 1P
   Color TV Vertical Deflection Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com