Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3041B Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # 1N3041B
Description  1 WATT ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

1N3041B Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  1N3041B Datasheet HTML 1Page - Compensated Deuices Incorporated 1N3041B Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
• 1N3016B-1 thru 1N3045B-1 AVAILABLE IN JAN, JANTX AND JANTXV
PER MIL-PRF-19500/115
• 1 WATT ZENER DIODES
• METALLURGICALLY BONDED
1N3016B thru1N3045B
and
1N3016B-1 thru 1N3045B-1
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass
case DO-41.
LEAD MATERIAL: Copper clad steel
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
80 ˚C/W maximum at L = .375 inch
THERMAL IMPEDANCE: (ZOJX): 15
˚C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: Any.
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
DC Power Dissipation: 1watt @ TL = +95°C
Power Derating: 12.5 mW / °C above TL = +95°C
Forward Voltage @ 200mA: 1.2 volts maximum
ELECTRICAL CHARACTERISTICS @ 25°C
CDI
NOMINAL
ZENER
MAX. DC
TYPE
ZENER
TEST
MAXIMUM ZENER IMPEDANCE
ZENER
MAX. REVERSE
NUMBER
VOLTAGE
CURRENT
(NOTE 3)
CURRENT
LEAKAGE CURRENT
VZ
@
1ZT
1ZT
1ZM
l
R
@ V
R
(NOTE 1)
(NOTE 2)
ZZT @ 1ZT
ZZK @ 1ZK
VOLTS
mA
OHMS
OHMS
mA
mA
µ A
VOLTS
1N3016B
6.8
37
3.5
700
1.0
140
5.0
5.2
1N3017B
7.5
34
4.0
700
.5
125
5.0
5.7
1N3018B
8.2
31
4.5
700
.5
115
5.0
6.2
1N3019B
9.1
28
5
700
.5
105
5.0
6.9
1N3020B
10
25
7
700
.25
95
5.0
7.6
1N3021B
11
23
8
700
.25
85
1.0
8.4
1N3022B
12
21
9
700
.25
80
1.0
9.1
1N3023B
13
19
10
700
.25
74
0.5
9.9
1N3024B
15
17
14
700
.25
63
0.5
11.4
1N3025B
16
15.5
16
700
.25
60
0.5
12.2
1N3026B
18
14
20
750
.25
52
0.5
13.7
1N3027B
20
12.5
22
750
.25
47
0.5
15.2
1N3028B
22
11.5
23
750
.25
43
0.5
16.7
1N3029B
24
10.5
25
750
.25
40
0.5
18.2
1N3030B
27
9.5
35
750
.25
34
0.5
20.6
1N3031B
30
8.5
40
1000
.25
31
0.5
22.8
1N3032B
33
7.5
45
1000
.25
28
0.5
25.1
1N3033B
36
7.0
50
1000
.25
26
0.5
27.4
1N3034B
39
6.5
60
1000
.25
23
0.5
29.7
1N3035B
43
6.0
70
1500
.25
21
0.5
32.7
1N3036B
47
5.5
80
1500
.25
19
0.5
35.8
1N3037B
51
5.0
95
1500
.25
18
0.5
38.8
1N3038B
56
4.5
110
2000
.25
17
0.5
42.6
1N3039B
62
4.0
125
2000
.25
15
0.5
47.1
1N3040B
68
3.7
150
2000
.25
14
0.5
51.7
1N3041B
75
3.3
175
2000
.25
12
0.5
56.0
1N3042B
82
3.0
200
3000
.25
11
0.5
62.2
1N3043B
91
2.8
250
3000
.25
10
0.5
69.2
1N3044B
100
2.5
350
3000
.25
9.0
0.5
76.0
1N3045B
110
2.3
450
4000
.25
8.3
0.5
83.6
NOTE 1
No suffix signifies + 20%. “A” Suffix signifies + 10%, “B” Suffix signifies + 5%, “C” suffix
signifies + 2% , “D” suffix signifies +1%
NOTE 2
Zener voltage is measured with the device junction in thermal equilibrium at an ambient
temperature of 25°C + 3°C.
NOTE 3
Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal
to 10% of 1ZT


Similar Part No. - 1N3041B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3041B MICROSEMI-1N3041B Datasheet
101Kb / 2P
   Silicon 1 WATT Zener Diodes
1N3041B MICROSEMI-1N3041B Datasheet
198Kb / 3P
   1 WATT METAL CASE ZENER DIODES
1N3041B-1 MICROSEMI-1N3041B-1 Datasheet
280Kb / 5P
   1 Watt Glass Case Zener Diodes
1N3041BTR MICROSEMI-1N3041BTR Datasheet
198Kb / 3P
   1 WATT METAL CASE ZENER DIODES
1N3041BTRUR-1 MICROSEMI-1N3041BTRUR-1 Datasheet
198Kb / 3P
   1 WATT METAL CASE ZENER DIODES
More results

Similar Description - 1N3041B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
   1 WATT ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
SMBJ5221 MICROSEMI-SMBJ5221 Datasheet
89Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
65Kb / 2P
   SILICON 1 WATT ZENER DIODES
logo
First Components Intern...
1N5229A FCI-1N5229A Datasheet
162Kb / 3P
   1/2 Watt ZENER DIODES
1N5230 FCI-1N5230 Datasheet
183Kb / 2P
   1/2 Watt ZENER DIODES
1N5221 FCI-1N5221 Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
logo
Microsemi Corporation
1N4744APTR8 MICROSEMI-1N4744APTR8 Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com