Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT64LC10YITE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT64LC10YITE13
Description  1K/2K/4K-Bit SPI Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT64LC10YITE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor

  CAT64LC10YITE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT64LC10YITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT64LC10YITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT64LC10YITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT64LC10YITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT64LC10YITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT64LC10YITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT64LC10YITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT64LC10YITE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Discontinued
Parts
7
CAT64LC10/20/40
Doc. No. 1021, Rev. C
a 16-bit data field is also required following the 8-bit
address field.
The CAT64LC10/20/40 requires an active LOW
CS in
order to be selected. Each instruction must be preceded
by a HIGH-to-LOW transition of
CS before the input of
the 4-bit start sequence. Prior to the 4-bit start sequence
(1010), the device will ignore inputs of all other logical
sequence.
Figure 4. Write Instruction Timing
Figure 5. Ready/
BUSY
BUSY
BUSY
BUSY
BUSY Status Instruction Timing
Read
Upon receiving a READ command and address (clocked
into the DI pin), the DO pin will output data one tPD after
the falling edge of the 16th clock (the last bit of the
address field). The READ operation is not affected by
the RESET input.
Write
After receiving a WRITE op code, address and data, the
device goes into the AUTO-Clear cycle and then the
* Please check instruction set table for address
SK
DI
CS
DO
RESET
10100100
ADDRESS*
D15
D0
RDY/
BUSY
SK
DI
CS
DO
RESET
WRITE INSTRUCTION
NEXT INSTRUCTION
HIGH
LOW
RDY/
BUSY


Similar Part No. - CAT64LC10YITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT64LC10YITE13 CATALYST-CAT64LC10YITE13 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
More results

Similar Description - CAT64LC10YITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com