Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC556XLD Datasheet(PDF) 4 Page - Sanken electric

Part # LC556XLD
Description  Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC556XLD Datasheet(HTML) 4 Page - Sanken electric

  LC556XLD Datasheet HTML 1Page - Sanken electric LC556XLD Datasheet HTML 2Page - Sanken electric LC556XLD Datasheet HTML 3Page - Sanken electric LC556XLD Datasheet HTML 4Page - Sanken electric LC556XLD Datasheet HTML 5Page - Sanken electric LC556XLD Datasheet HTML 6Page - Sanken electric LC556XLD Datasheet HTML 7Page - Sanken electric LC556XLD Datasheet HTML 8Page - Sanken electric LC556XLD Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SANKEN ELECTRIC CO., LTD.
LC5560LD-DS
Single-Stage Power Factor Corrected
Off-Line Switching Regulator ICs
LC5560LD
Series
November 26, 2012
Electrical Characteristics of MOSFET Unless specifically noted, TA is 25°C
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Drain-to-Source Breakdown Voltage
VDSS
8 – 1
650
――
V
Drain Leakage Current
IDSS
8 – 1
――
300
μA
On-Resistance
RDS(on)
LC5565LD
8 – 1
――
3.95
Ω
LC5566LD
――
1.9
Ω
Switching Time
tf
LC5565LD
8 – 1
――
250
ns
LC5566LD
――
400
ns
Thermal Resistance*
Rθch-c
LC5565LD
――
42
°C/W
LC5566LD
――
35.5
°C/W
*The thermal resistance between the channels of the MOSFET and the case. TC measured at the center of the case top surface.
0
0.1
0.2
0.3
0.4
00.5
1.0
4.0
1.5
2.0
2.5
3.0
3.5
VREF Pin Voltage (V)
VREF Pin Voltage versus VSEN(TH) Curve


Similar Part No. - LC556XLD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5560LD SANKEN-LC5560LD Datasheet
297Kb / 10P
   LC5560LD Series Single-Stage Power Factor Corrected Off-Line Switching Regulators for LEDs
LC5565LD SANKEN-LC5565LD Datasheet
297Kb / 10P
   Integrated on-time control circuit
LC5565LD SANKEN-LC5565LD Datasheet
297Kb / 10P
   LC5560LD Series Single-Stage Power Factor Corrected Off-Line Switching Regulators for LEDs
LC5566LD SANKEN-LC5566LD Datasheet
297Kb / 10P
   Integrated on-time control circuit
LC5566LD SANKEN-LC5566LD Datasheet
297Kb / 10P
   LC5560LD Series Single-Stage Power Factor Corrected Off-Line Switching Regulators for LEDs
More results

Similar Description - LC556XLD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC554XLD SANKEN-LC554XLD Datasheet
278Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC554XLF SANKEN-LC554XLF Datasheet
313Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC552XD SANKEN-LC552XD Datasheet
235Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5525F SANKEN-LC5525F Datasheet
254Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5513D SANKEN-LC5513D Datasheet
230Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5523F SANKEN-LC5523F Datasheet
255Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5511D SANKEN-LC5511D Datasheet
234Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5540LD SANKEN-LC5540LD Datasheet
281Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5540LF SANKEN-LC5540LF Datasheet
308Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5500 SANKEN-LC5500 Datasheet
637Kb / 40P
   LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com