Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P330 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # P330
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P330 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button P330 Datasheet HTML 72Page - List of Unclassifed Manufacturers P330 Datasheet HTML 73Page - List of Unclassifed Manufacturers P330 Datasheet HTML 74Page - List of Unclassifed Manufacturers P330 Datasheet HTML 75Page - List of Unclassifed Manufacturers P330 Datasheet HTML 76Page - List of Unclassifed Manufacturers P330 Datasheet HTML 77Page - List of Unclassifed Manufacturers P330 Datasheet HTML 78Page - List of Unclassifed Manufacturers P330 Datasheet HTML 79Page - List of Unclassifed Manufacturers P330 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 122 page
background image
Our extensive line of coaxial cables accommodates the testing needs of our clients. E-Z-Hook offers coaxial test cable in various
guages, types and RG styles. Insulation is polyethylene, thermoplastic or teflon depending upon cable type. Please see our cable
assemblies for factory constructed leads using the below cables.
Spools: Cable can be purchased in spools of 100, 500, and 1,000 feet.
Ordering IInformation: Please specify information as follows: part numbe. - spool length - color (ex. 9661-100-Red)
Configuration
Nominal
Nominal
Nominal
Part Number
& RG Number
Stranding
O.D.
Impedance
Capacitance
Color
9641
RG315/U
26 AWG
.098”
50 Ohms
29.0pF/ft
Brown
[4100 Series]
7x.0067
(2.49mm)
9611
RG142B/U
18 AWG
.195”
50 Ohms
29.0pF/ft
Brown
[1100 Series]
Solid
(4.95mm)
9630
Twisted Pair
20 AWG
.190”
Gray
[3000 Series]
10x30
(4.86mm)
RIBBON CCABLE
.050” PPitch extruded gray ribbon cable designed for general purpose
electronic interconnect applications. The cable provides reliable mass-
termination to standard .100” contact IDC connectors. Breakouts can be
made easily with the tear feature design. Insulation material consists of
gray PVC, with a red polarity strip for proper circuit alignment.
Description
Part Number
AWG
Insulation
Number of
Width
Span
Temp.
(Stranding)
Thickness
Conductors
14 CConductor Ribbon Cable
9601-114
28AWG 7X36
.010" (.254mm)
14
.700” (17.78mm)
.650” (16.51mm)
+105OC
Laminated PVC Insulation
Tinned Copper
16 CConductor Ribbon Cable
9601-116
28AWG 7X36
.010" (.254mm)
16
.800” (20.32mm)
.750” (19.05mm)
+105OC
Laminated PVC Insulation
Tinned Copper
20 CConductor Ribbon Cable
9601-220
28AWG 7X36
.010" (.254mm)
20
1.00” (25.40mm)
.950” (24.13mm)
+105OC
Laminated PVC Insulation
Tinned Copper
40 CConductor Ribbon Cable
9601-440
28AWG 7X36
.010" (.254mm)
40
2.00” (50.80mm)
1.95” (49.53mm)
+105OC
Laminated PVC Insulation
Tinned Copper
9661
RG214/U
13 AWG
.425”
50 Ohms
30.8pF/ft
Black
[6101 Series]
7x.0296
(10.80mm)
9660
RG213/U
13 AWG
.405”
50 Ohms
30.8pF/ft
Black
[6100 Series]
7x21
(10.29mm)
9640
RG174/U
26 AWG
.100”
50 Ohms
30.8pF/ft
Black
[4000 Series]
7x34
(2.54mm)
9662
RG62B/U
24 AWG
.242”
93 Ohms
13.5pF/ft
Black
[6200 Series]
7x32
(6.15mm)
9675
RG59/U
22 AWG
.242”
75 Ohms
17.3pF/ft
Black
[7501 Series]
7x30
(6.15mm)
9610
RG58C/U
20 AWG
.195”
50 Ohms
30.8pF/ft
Black
[1000 Series]
19x.0071
(4.95mm)
9620
MIC
25 AWG
.200”
57 Ohms
25pF/ft
Gray
[2000 Series]
7x33
(5.08mm)
9621
1 Pair
18 AWG
.222”
Between Conductors
27pF/ft
Gray
[2100 Series]
MIC
6x30
(5.64mm)
Shield & Conductor
49pF/ft
9622
1 Pair
22 AWG
.180”
Between Conductors
24pF/ft
Gray
[2200 Series]
MIC
7x30
(4.57mm)
Shield & Conductor
47pF/ft
9670
Double Shielded
20 AWG
.304”
75 Ohms
21pF/ft
Black
[7000 Series]
Video
Solid
(7.72mm)
TEFLON IINSULATED
THERMOPLASTIC INSULATED
WIRE AAND CCABLE
73
Orrderr DDesk: 11 ((800) 9995-HHOOK
POLYETHYLENE IINSULATED
9650
2 Twisted Pair
24 AWG
.245”
Between Conductors
39pF/ft
Black
[5000 Series]
MIC
42x40
(6.22mm)
Shield & Conductor
57pF/ft


Similar Part No. - P330

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P330 AMPHENOL-P330 Datasheet
132Kb / 2P
   Extremely small size: 330 x 180 um cross
logo
Teccor Electronics
P3300AA61 TECCOR-P3300AA61 Datasheet
1Mb / 212P
   solid state crowbar devices
logo
Littelfuse
P3300AA61L LITTELFUSE-P3300AA61L Datasheet
142Kb / 2P
   SIDACtor
logo
ETAL Group
P3302 ETAL-P3302 Datasheet
168Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P3303 ETAL-P3303 Datasheet
172Kb / 5P
   LOW INSERTION LOSS LINE MATCHING TRANSFORMER
More results

Similar Description - P330

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL221R020 AMETHERM-SL221R020 Datasheet
44Kb / 1P
   Reliability Delivered On Time
logo
Littelfuse
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
   Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
   Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
   Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
   Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com