Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C4621 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT93C4621
Description  Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C4621 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT93C4621 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C4621 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C4621 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C4621 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C4621 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C4621 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C4621 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C4621 Datasheet HTML 9Page - Catalyst Semiconductor CAT93C4621 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
9-92
Advanced Information
CAT93CXXXX
Stock No. 21084-01 2/98
can then continue to clock in 8-bit (16-bit for x16 format)
data to be written to the next higher address. Internally,
the address pointer is incremented after each group of
eight clocks (16 clocks for x16 format).
If the host
transmits more than 16 bytes (8 words for x16 format)
the address counter ‘wraps around’ and previously
transmitted data will be overwritten.
After receiving a WRITE command, address and the
data, the CS (Chip Select) pin must be deselected for a
minimum of tCSMIN. The falling edge of CS will start the
self clocking clear and data store cycle of the memory
location specified in the instruction. The clocking of the
SK pin is not necessary after the device has entered the
self clocking mode. The ready/busy status of the
CAT93CXXXX can be determined by selecting the de-
vice and polling the DO pin. Since this device features
Auto-Clear before write, it is NOT necessary to erase a
memory location before it is written into.
Erase
Upon receiving an ERASE command and address, the
CS (Chip Select) pin must be deasserted for a minimum
of tCSMIN. The falling edge of CS will start the self clocking
clear cycle of the selected memory location. The clock-
ing of the SK pin is not necessary after the device has
entered the self clocking mode. The ready/busy status of
the CAT93CXXXX can be determined by selecting the
device and polling the DO pin. Once cleared, the content
of a cleared location returns to a logical “1” state.
Figure 5. Erase Instruction Timing
Figure 4. Write Instruction Timing
SK
CS
DI
DO
tCS
STANDBY
HIGH-Z
HIGH-Z
101
AN AN-1
A0
DN
D0
BUSY
READY
STATUS
VERIFY
tSV
tHZ
tEW
SK
CS
DI
DO
STANDBY
HIGH-Z
HIGH-Z
1
AN
AN-1
BUSY
READY
STATUS VERIFY
tSV
tHZ
tEW
tCS
11
A0


Similar Part No. - CAT93C4621

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46 ONSEMI-CAT93C46 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
CAT93C46 ONSEMI-CAT93C46 Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46 ONSEMI-CAT93C46 Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
More results

Similar Description - CAT93C4621

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com