Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4617 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # 1N4617
Description  LOW CURRENT OPERATION AT 250 uA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

1N4617 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  1N4617 Datasheet HTML 1Page - Compensated Deuices Incorporated 1N4617 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
• 1N4614-1THRU 1N4627-1 AVAILABLE IN
JAN, JANTX, JANTXV AND JANS
PER MIL-PRF-19500/435
• LOW CURRENT OPERATION AT 250
µA
• LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
• DOUBLE PLUG CONSTRUCTION
• METALLURGICALLY BONDED
1N4614 thru 1N4627
and
1N4614-1 thru 1N4627-1
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass
case. DO – 35 outline.
LEAD MATERIAL: Copper clad steel.
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
250 ˚C/W maximum at L = .375 inch
THERMAL IMPEDANCE: (ZOJX): 35
˚C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: ANY.
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ +50°C
Power Derating: 4 mW / °C above +50°C
Forward Voltage @ 200 mA: 1.1 Volts maximum
* ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
JEDEC
NOMINAL
ZENER
MAXIMUM
MAXIMUM REVERSE
MAXIMUM
MAXIMUM
TYPE
ZENER
TEST
ZENER
LEAKAGE CURRENT
DC ZENER
NOISE
NUMBER
VOLTAGE
CURRENT
IMPEDANCE
CURRENT
DENSITY
V
Z
@ I
ZT
I
ZT
Z
ZT
@ I
ZT
1
R
@ V
R
lZM
ND
(Note 1)
(Note 2)
VOLTS
µ A
OHMS
µ A
VOLTS
mA
µ V/ Hz
1N4614
1.8
250
1200
7.5
1
120
1
1N4615
2.0
250
1250
5.0
1
110
1
1N4616
2.2
250
1300
4.0
1
100
1
1N4617
2.4
250
1400
2.0
1
95
1
1N4618
2.7
250
1500
1.0
1
90
1
1N4619
3.0
250
1600
0.8
1
87
1
1N4620
3.3
250
1650
7.5
1.5
85
1
1N4621
3.6
250
1700
7.5
2
83
1
1N4622
3.9
250
1650
5.0
2
80
1
1N4623
4.3
250
1600
4.0
2
77
1
1N4624
4.7
250
1550
10.0
3
75
1
1N4625
5.1
250
1500
10.0
3
70
2
1N4626
5.6
250
1400
10.0
4
65
4
1N4627
6.2
250
1200
10.0
5
61
5
* JEDEC Registered Data.
NOTE 1
The JEDEC type numbers shown above have a Zener voltage tolerance of + 5% of
the nominal Zener voltage. Vz is measured with the device junction in thermal equilib-
rium at an ambient themperature of 25°C + 3°C. A “C” suffix denotes a + 2%
tolerance and a “D” suffix denotes a + 1% tolerance.
NOTE 2
Zener impedance is derived by superimposing on l ZT A 60Hz rms a.c. current equal
to 10% of l ZT (25 µ A a.c.)


Similar Part No. - 1N4617

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
1N4617 KNOX-1N4617 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Silicon Supplies
1N4617 SS-1N4617 Datasheet
308Kb / 3P
   Bare Die Zener Diode
logo
Microsemi Corporation
1N4617 MICROSEMI-1N4617 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4617 MICROSEMI-1N4617 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
1N4617 MICROSEMI-1N4617 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
More results

Similar Description - 1N4617

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4099 CDI-DIODE-1N4099 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Guangdong Youtai Semico...
SN74LVC1G14 UMW-SN74LVC1G14_V01 Datasheet
1Mb / 14P
   Low input current: 0.1 uA typical
logo
SunLED Corporation
XZMEDGCBD56W SUNLED-XZMEDGCBD56W Datasheet
304Kb / 4P
   Low current operation
logo
Kingbright Corporation
SC39-11SYKWA KINGBRIGHT-SC39-11SYKWA Datasheet
351Kb / 6P
   Low current operation
TA07-11SYKWA KINGBRIGHT-TA07-11SYKWA Datasheet
350Kb / 6P
   Low current operation
TC07-11SURKWA KINGBRIGHT-TC07-11SURKWA Datasheet
355Kb / 6P
   Low current operation
TC07-11SYKWA KINGBRIGHT-TC07-11SYKWA Datasheet
353Kb / 6P
   Low current operation
SC05-11XWA KINGBRIGHT-SC05-11XWA Datasheet
1Mb / 5P
   Low current operation
SA36-11SURKWA KINGBRIGHT-SA36-11SURKWA Datasheet
374Kb / 6P
   Low current operation
SC36-11CGKWA KINGBRIGHT-SC36-11CGKWA Datasheet
372Kb / 6P
   Low current operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com