Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3827 Datasheet(PDF) 2 Page - Compensated Deuices Incorporated

Part # 1N3827
Description  1 WATT ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

1N3827 Datasheet(HTML) 2 Page - Compensated Deuices Incorporated

  1N3827 Datasheet HTML 1Page - Compensated Deuices Incorporated 1N3827 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N3821A thru 1N3828A
and
1N3821A-1 thru 1N3828A-1
1000
100
10
1
.1
1.0
10
100
OPERATING CURRENT lZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
0
25
50
75
100
125
150
175
TL , Lead temperature (°C), 3/8” from body
POWER DERATING CURVE
1000
800
600
400
200
0
FIGURE 2
1N3829A
1N3822A
1N3826A


Similar Part No. - 1N3827

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3827 MICROSEMI-1N3827 Datasheet
288Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Motorola, Inc
1N3827 MOTOROLA-1N3827 Datasheet
235Kb / 6P
   1.0 WATT METAL SILICON ZENER DIODES
logo
Micro Commercial Compon...
1N3827 MCC-1N3827 Datasheet
108Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3827 MCC-1N3827 Datasheet
238Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
logo
New Jersey Semi-Conduct...
1N3827 NJSEMI-1N3827 Datasheet
149Kb / 1P
   1N3821 thru 1N3830, 1N3016 thru 1N3051
More results

Similar Description - 1N3827

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Frontier Electronics.
Z10-100-LFR FRONTIER-Z10-100-LFR Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
Z10-100 FRONTIER-Z10-100 Datasheet
112Kb / 1P
   1 WATT ZENER DIODE
ZTL50-X FRONTIER-ZTL50-X Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
1N4736A-LFR FRONTIER-1N4736A-LFR Datasheet
127Kb / 2P
   1 WATT ZENER DIODE
logo
Microsemi Corporation
1EZ110D5 MICROSEMI-1EZ110D5 Datasheet
169Kb / 3P
   Silicon 1 Watt Zener Diode
logo
Frontier Electronics.
ZM200-X FRONTIER-ZM200-X Datasheet
120Kb / 2P
   1 WATT SURFACE MOUNT ZENER DIODE
logo
NTE Electronics
NTE5061A NTE-NTE5061A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
logo
Micro Commercial Compon...
SMAZ20-TP MCC-SMAZ20-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com